データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC241 データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC74AC241
部品情報  Octal Buffer/Line Driver with 3−State Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC241 データシート(HTML) 4 Page - Motorola, Inc

  MC74AC241 Datasheet HTML 1Page - Motorola, Inc MC74AC241 Datasheet HTML 2Page - Motorola, Inc MC74AC241 Datasheet HTML 3Page - Motorola, Inc MC74AC241 Datasheet HTML 4Page - Motorola, Inc MC74AC241 Datasheet HTML 5Page - Motorola, Inc MC74AC241 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74AC241 MC74ACT241
5-4
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
6.0
9.0
1.5
10.0
ns
3-5
tPLH
Data to Output
5.0
1.5
5.0
7.0
1.0
7.5
ns
3-5
tPHL
Propagation Delay
3.3
1.5
6.0
9.0
1.0
10.5
ns
3-5
tPHL
Data to Output
5.0
1.5
4.5
7.0
1.0
7.5
ns
3-5
tPZH
Output Enable Time
3.3
1.5
6.5
12.5
1.0
13.0
ns
3-7
tPZH
Output Enable Time
5.0
1.5
5.5
9.0
1.0
9.5
ns
3-7
tPZL
Output Enable Time
3.3
1.5
7.0
12.0
1.5
13.0
ns
3-8
tPZL
Output Enable Time
5.0
1.5
5.5
9.0
1.0
9.5
ns
3-8
tPHZ
Output Disable Time
3.3
2.0
8.0
12.0
2.0
12.5
ns
3-7
tPHZ
Output Disable Time
5.0
1.5
6.5
10.0
1.0
10.5
ns
3-7
tPLZ
Output Disable Time
3.3
1.5
7.0
12.5
1.0
13.5
ns
3-8
tPLZ
Output Disable Time
5.0
1.5
6.0
10.0
1.0
10.5
ns
3-8
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to +85°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC – 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC – 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = –50 µA
Output Voltage
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
–24 mA
5.5
4.86
4.76
IOH
–24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
IOL
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
∆ICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC – 2.1 V
IOZ
Maximum
3-State
Current
VI (OE) = VIL, VIH
3-State
Current
5.5
±0.5
±5.0
µA
VI = VCC, GND
Current
VO = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
µA
VIN = VCC or GND
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
µA
VIN = VCC or GND
* All outputs loaded; thresholds on input associated with output under test.
† Maximum test duration 2.0 ms, one output loaded at a time.


同様の部品番号 - MC74AC241

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC240 ONSEMI-MC74AC240 Datasheet
100Kb / 8P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
July, 2004 ??Rev. 6
MC74AC240 ONSEMI-MC74AC240 Datasheet
108Kb / 10P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC240 ONSEMI-MC74AC240 Datasheet
96Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 9
MC74AC240DTR2 ONSEMI-MC74AC240DTR2 Datasheet
100Kb / 8P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
July, 2004 ??Rev. 6
MC74AC240DTR2 ONSEMI-MC74AC240DTR2 Datasheet
108Kb / 10P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

同様の説明 - MC74AC241

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com