データシートサーチシステム |
|
MC74ACT161D データシート(PDF) 7 Page - ON Semiconductor |
|
MC74ACT161D データシート(HTML) 7 Page - ON Semiconductor |
7 / 15 page MC74AC161, MC74ACT161, MC74AC163, MC74ACT163 http://onsemi.com 7 AC OPERATING REQUIREMENTS Symbol Parameter VCC* (V) 74AC163 74AC163 Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Typ Guaranteed Minimum ts Setup Time, HIGH or LOW 3.3 5.5 13.5 16.0 ns 3−9 Pn to CP 5.0 4.0 8.5 10.5 th Hold Time, HIGH or LOW 3.3 −7.0 −1.0 −0.5 ns 3−9 Pn to CP 5.0 −5.0 0 0 ts Setup Time, HIGH or LOW 3.3 5.5 14 16.5 ns 3−9 SR to CP 5.0 4.0 9.5 11.0 th Hold Time, HIGH or LOW 3.3 −7.5 −1.0 −0.5 ns 3−9 SR to CP 5.0 −5.5 −0.5 0 ts Setup Time, HIGH or LOW 3.3 5.5 11.5 14.0 ns 3−9 PE to CP 5.0 4.0 7.5 8.5 th Hold Time, HIGH or LOW 3.3 −7.5 −1.0 −0.5 ns 3−9 PE to CP 5.0 −5.0 −0.5 0 ts Setup Time, HIGH or LOW 3.3 3.5 6.0 7.0 ns 3−9 CEP or CET to CP 5.0 2.5 4.5 5.0 th Hold Time, HIGH or LOW 3.3 −4.5 0 0 ns 3−9 CEP or CET to CP 5.0 −3.0 0 0.5 tw Clock Pulse Width (Load) 3.3 3.0 3.5 4.0 ns 3−6 HIGH or LOW 5.0 2.0 2.5 3.0 tw Clock Pulse Width (Count) 3.3 3.0 4.0 4.5 ns 3−6 HIGH or LOW 5.0 2.0 3.0 3.5 *Voltage Range 3.3 V is 3.3 V ±0.3 V. *Voltage Range 5.0 V is 5.0 V ±0.5 V. |
同様の部品番号 - MC74ACT161D |
|
同様の説明 - MC74ACT161D |