データシートサーチシステム |
|
MC74ACT161MEL データシート(PDF) 9 Page - ON Semiconductor |
|
MC74ACT161MEL データシート(HTML) 9 Page - ON Semiconductor |
9 / 15 page MC74AC161, MC74ACT161, MC74AC163, MC74ACT163 http://onsemi.com 9 AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D) Symbol Parameter VCC* (V) 74ACT161 74ACT161 Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Min Typ Max Min Max fmax Maximum Count Frequency 5.0 115 125 − 100 − MHz 3−3 tPLH Propagation Delay CP to Qn (PE Input HIGH or LOW) 5.0 1.5 8.0 9.5 1.5 10.5 ns 3−6 tPHL Propagation Delay CP or Qn (PE Input HIGH or LOW) 5.0 1.5 8.0 10.5 1.5 11.5 ns 3−6 tPLH Propagation Delay CP to TC 5.0 2.0 11.0 11.0 1.5 12.5 ns 3−6 tPHL Propagation Delay CP to TC 5.0 1.5 11.0 12.5 1.5 13.5 ns 3−6 tPLH Propagation Delay CET to TC 5.0 1.5 7.5 8.5 1.5 10.0 ns 3−6 tPHL Propagation Delay CET to TC 5.0 1.5 8.0 9.5 1.5 10.5 ns 3−6 tPHL Propagation Delay MR to Qn 5.0 1.5 8.0 10.0 1.5 11.0 ns 3−6 tPHL Propagation Delay MR to TC 5.0 2.5 10.0 13.5 2.0 14.5 ns 3−6 *Voltage Range 5.0 V is 5.0 V ±0.5 V. AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D) Symbol Parameter VCC* (V) 74ACT163 74ACT163 Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Min Typ Max Min Max fmax Maximum Count Frequency 5.0 120 140 − 105 − MHz 3−3 tPLH Propagation Delay CP to Qn (PE Input HIGH or LOW) 5.0 1.5 5.5 10.0 1.5 11.0 ns 3−6 tPHL Propagation Delay CP to Qn (PE Input HIGH or LOW) 5.0 1.5 6.0 11.0 1.5 12.0 ns 3−6 tPLH Propagation Delay CP to TC 5.0 2.5 7.0 11.5 2.0 13.5 ns 3−6 tPHL Propagation Delay CP to TC 5.0 3.0 8.0 13.5 2.0 15.0 ns 3−6 tPLH Propagation Delay CET to TC 5.0 2.0 5.5 9.0 1.5 10.5 ns 3−6 tPHL Propagation Delay CET to TC 5.0 2.0 6.0 10.0 2.0 11.0 ns 3−6 *Voltage Range 5.0 V is 5.0 V ±0.5 V. |
同様の部品番号 - MC74ACT161MEL |
|
同様の説明 - MC74ACT161MEL |