データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP17DTR2 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC100EP17DTR2
部品情報  3.3V / 5V ECL Quad Differential Driver/Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP17DTR2 データシート(HTML) 5 Page - ON Semiconductor

  MC100EP17DTR2 Datasheet HTML 1Page - ON Semiconductor MC100EP17DTR2 Datasheet HTML 2Page - ON Semiconductor MC100EP17DTR2 Datasheet HTML 3Page - ON Semiconductor MC100EP17DTR2 Datasheet HTML 4Page - ON Semiconductor MC100EP17DTR2 Datasheet HTML 5Page - ON Semiconductor MC100EP17DTR2 Datasheet HTML 6Page - ON Semiconductor MC100EP17DTR2 Datasheet HTML 7Page - ON Semiconductor MC100EP17DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EP17, MC100EP17
http://onsemi.com
5
AC CHARACTERISTICS VCC = 0 V; VEE = –3.0 V to –5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 21)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 2 Fmax/JITTER)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay to Output Differential
10 Series
100 Series
125
150
200
220
275
300
150
180
220
250
300
320
200
200
260
290
350
360
ps
tJITTER
Cycle–to–Cycle Jitter
(See Figure 2 Fmax/JITTER)
.2
< 1
.2
< 1
.2
< 1
ps
VPP
Input Voltage Swing (Differential)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% – 80%)
100
160
220
100
170
230
120
190
250
ps
21. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC–2.0 V.
0
100
200
300
400
500
600
700
800
0
1000
2000
3000
4000
5000
6000
Figure 2. Fmax/Jitter
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
(JITTER)


同様の部品番号 - MC100EP17DTR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP17DTR2 ONSEMI-MC100EP17DTR2 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC100EP17DTR2G ONSEMI-MC100EP17DTR2G Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC100EP17DTR2G ONSEMI-MC100EP17DTR2G Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
More results

同様の説明 - MC100EP17DTR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com