データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NA1394-6-W-B データシート(PDF) 1 Page - Neutrik AG

部品番号 NA1394-6-W-B
部品情報  Firewire 6 with IEEE 1394 6 pole receptacles on both ends, black D-housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEUTRIK [Neutrik AG]
ホームページ  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NA1394-6-W-B データシート(HTML) 1 Page - Neutrik AG

  NA1394-6-W-B Datasheet HTML 1Page - Neutrik AG NA1394-6-W-B Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NA1394-6-W-B
Firewire 6 with IEEE 1394 6 pole receptacles on both ends, black
D-housing
Due to the rising digitisation the interface problems between
audio/video networks, IT equipment (e.g. Mac) and mLAN
connections increase.
Neutrik's Firewire feedthrough type 1394a, mounted in the
standardized D-shape housing, solves this problem.
Features & Benefits
Ideal for audio networking and integration of digital
equipment into audio systems
Firewire feedthrough with 6 pole IEEE 1394 receptacle
at both ends
Universally accepted standard D-shape housing
Removable screen to chassis grounding:
NA1394-6-W-B
1
/2


同様の部品番号 - NA1394-6-W-B

メーカー部品番号データシート部品情報
logo
Neutrik AG
NA1394-6-W NEUTRIK-NA1394-6-W Datasheet
102Kb / 2P
   Firewire 6 with IEEE 1394 6 pole receptacles on both ends, Nickel D-housing
More results

同様の説明 - NA1394-6-W-B

メーカー部品番号データシート部品情報
logo
Neutrik AG
NA1394-6-W NEUTRIK-NA1394-6-W Datasheet
102Kb / 2P
   Firewire 6 with IEEE 1394 6 pole receptacles on both ends, Nickel D-housing
logo
Tripp Lite. All Rights ...
F005-006 TRIPPLITE-F005-006 Datasheet
479Kb / 4P
   FireWire IEEE 1394 Cable (6pin/6pin) 6-ft
logo
Glenair, Inc.
963-006 GLENAIR-963-006 Datasheet
214Kb / 1P
   IEEE 1394 (Firewire)
logo
Tripp Lite. All Rights ...
F005006 TRIPPLITE-F005006 Datasheet
473Kb / 2P
   FireWire IEEE 1394 Cable (6pin-6pin M-M) 6-ft
F009006 TRIPPLITE-F009006 Datasheet
474Kb / 2P
   FireWire IEEE 1394 Cable (4pin-4pin M-M) 6-ft
F007006 TRIPPLITE-F007006 Datasheet
472Kb / 2P
   FireWire IEEE 1394 Cable (6pin-4pin M-M) 6-ft.
logo
MRV Communications, Inc...
SFP-1394A MRV-SFP-1394A Datasheet
512Kb / 3P
   IEEE 1394 SFP (FireWire / i.Link)
logo
Assmann Electronics Inc...
AK-1394-30-R ASSMANN-AK-1394-30-R Datasheet
88Kb / 1P
   IEEE 1394 Cable - 6 Pin
logo
Adam Technologies, Inc.
USBASRA ADAM-TECH-USBASRA Datasheet
152Kb / 1P
   USB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE
logo
Assmann Electronics Inc...
AK-1394-18 ASSMANN-AK-1394-18 Datasheet
88Kb / 1P
   IEEE 1394 Cable -6 Pin, Male
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com