データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC-02-E120JKH データシート(PDF) 1 Page - Kemet Corporation

部品番号 SC-02-E120JKH
部品情報  KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-02-E120JKH データシート(HTML) 1 Page - Kemet Corporation

  SC-02-E120JKH Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SC-02-E120JKH
(UALSC02E120JKH)
KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
Dimensions
D
26mm MAX
T
24.5mm MAX
H
17mm MAX
LL
3.5mm +/-1mm
S
11mm NOM
Packaging Specifications
Packaging: Tray
Packaging Quantity: 320
Weight: 13.1 g
General Information
Series: SC_JKH
Style: Through-Hole
RoHS: Yes
Notes: Lead Spacing (S/S1) Are For
Reference Only.
Miscellaneous: Temperature Rise Maximum: 70
K
Specifications
Voltage AC: 250 VAC
Inductance: 12 mH
Current: 2 A
Temperature Range: -25/+120°C
DC Resistance: 180 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/18/2019 - f86763f6-5eb5-44ff-b39a-139768a9496a


同様の部品番号 - SC-02-E120JKH

メーカー部品番号データシート部品情報
logo
Kemet Corporation
SC-02-E120J KEMET-SC-02-E120J Datasheet
1Mb / 20P
   Common Mode SC Coils, SC-J Series, Terminal Base Type
More results

同様の説明 - SC-02-E120JKH

メーカー部品番号データシート部品情報
logo
Kemet Corporation
SC-04-E120JKH KEMET-SC-04-E120JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
SC-05-E100JKH KEMET-SC-05-E100JKH Datasheet
98Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 0.01 H
SC-02-E50JKH KEMET-SC-02-E50JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 5400 uH
SC-04-E60JKH KEMET-SC-04-E60JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 6000 uH
SC-05-E75JKH KEMET-SC-05-E75JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 8100 uH
SC-02-E60JKH KEMET-SC-02-E60JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 6000 uH
SC-06-E42JKH KEMET-SC-06-E42JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 4200 uH
SC-06-E70JKH KEMET-SC-06-E70JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 7000 uH
SC-02-E30JKH KEMET-SC-02-E30JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 3000 uH
SSR10H-14140 KEMET-SSR10H-14140 Datasheet
238Kb / 1P
   KEMET, SSR10V/H, AC Line Filters, Common Mode, 0.014 H
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com