データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC-05-D0065 データシート(PDF) 1 Page - Kemet Corporation

部品番号 SC-05-D0065
部品情報  KEMET, SC-D, AC Line Filters, Common Mode, 6500 nH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-05-D0065 データシート(HTML) 1 Page - Kemet Corporation

  SC-05-D0065 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SC-05-D0065
(UALSC05D006500)
KEMET, SC-D, AC Line Filters, Common Mode, 6500 nH
Dimensions
D
24.5mm MAX
T
13.5mm MAX
LL
10mm +/-2mm
S
6mm NOM
Packaging Specifications
Packaging: Tray
Packaging Quantity: 360
Weight: 7.5 g
General Information
Series: SC-D
Style: Through-Hole
RoHS: Yes
Notes: Lead Spacing (S/S1) Are For
Reference Only.
Miscellaneous: Temperature Rise Maximum: 25
K
Specifications
Voltage AC: 250 VAC
Inductance: 6.5 uH
Current: 5 A
Temperature Range: -25/+120°C
DC Resistance: 10 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/18/2019 - 54e885ba-0340-43e6-afb1-677977e04c4d


同様の部品番号 - SC-05-D0065

メーカー部品番号データシート部品情報
logo
Kemet Corporation
SC-05-D030 KEMET-SC-05-D030 Datasheet
423Kb / 4P
   SC Coils, SC-D High Frequency Type
SC-05-D030J KEMET-SC-05-D030J Datasheet
78Kb / 1P
   KEMET, SC-D-J/JH, AC Line Filters, Common Mode, 30 uH
More results

同様の説明 - SC-05-D0065

メーカー部品番号データシート部品情報
logo
Kemet Corporation
SCF-03-650 KEMET-SCF-03-650 Datasheet
77Kb / 1P
   KEMET, SCF, AC Line Filters, Common Mode, 6500 uH
SC-07-D060 KEMET-SC-07-D060 Datasheet
101Kb / 1P
   KEMET, SC-D, AC Line Filters, Common Mode, 60 uH
SC-07-D005 KEMET-SC-07-D005 Datasheet
100Kb / 1P
   KEMET, SC-D, AC Line Filters, Common Mode, 45 uH
SC-05-D150H KEMET-SC-05-D150H Datasheet
79Kb / 1P
   KEMET, SC-D, AC Line Filters, Common Mode, 1500 uH
SC-10-D020H KEMET-SC-10-D020H Datasheet
79Kb / 1P
   KEMET, SC-D, AC Line Filters, Common Mode, 20 uH
SC-08-D060 KEMET-SC-08-D060 Datasheet
79Kb / 1P
   KEMET, SC-D, AC Line Filters, Common Mode, 60 uH
SC-30-D010 KEMET-SC-30-D010 Datasheet
79Kb / 1P
   KEMET, SC-D, AC Line Filters, Common Mode, 10 uH
SC-02-D100 KEMET-SC-02-D100 Datasheet
101Kb / 1P
   KEMET, SC-D, AC Line Filters, Common Mode, 100 uH
SCF-03-65JV KEMET-SCF-03-65JV Datasheet
79Kb / 1P
   KEMET, SCF-J/JH, AC Line Filters, Common Mode, 6500 uH
SC-10-340 KEMET-SC-10-340 Datasheet
97Kb / 1P
   KEMET, SC, AC Line Filters, Common Mode, 3400 uH
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com