データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC163MEL データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74AC163MEL
部品情報  Synchronous Presettable Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC163MEL データシート(HTML) 1 Page - ON Semiconductor

  MC74AC163MEL Datasheet HTML 1Page - ON Semiconductor MC74AC163MEL Datasheet HTML 2Page - ON Semiconductor MC74AC163MEL Datasheet HTML 3Page - ON Semiconductor MC74AC163MEL Datasheet HTML 4Page - ON Semiconductor MC74AC163MEL Datasheet HTML 5Page - ON Semiconductor MC74AC163MEL Datasheet HTML 6Page - ON Semiconductor MC74AC163MEL Datasheet HTML 7Page - ON Semiconductor MC74AC163MEL Datasheet HTML 8Page - ON Semiconductor MC74AC163MEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 7
1
Publication Order Number:
MC74AC161/D
MC74AC161, MC74ACT161,
MC74AC163, MC74ACT163
Synchronous Presettable
Binary Counter
The MC74AC161/74ACT161 and MC74AC163/74ACT163 are
high−speed synchronous modulo−16 binary counters. They are
synchronously presettable for application in programmable dividers
and have two types of Count Enable inputs plus a Terminal Count
output for versatility in forming synchronous multistage counters.
The MC74AC161/74ACT161 has an asynchronous Master Reset
input that overrides all other inputs and forces the outputs LOW. The
MC74AC163/74ACT163 has a Synchronous Reset input that
overrides counting and parallel loading and allows the outputs to be
simultaneously reset on the rising edge of the clock.
Synchronous Counting and Loading
High−Speed Synchronous Expansion
Typical Count Rate of 125 MHz
Outputs Source/Sink 24 mA
′ACT161 and ′ACT163 Have TTL Compatible Inputs
w These devices are available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
15
16
14
13
12
11
10
2
1
3
4
567
VCC
9
8
TC
Q0
Q1
Q2
Q3
CET
PE
*R
CP
P0
P1
P2
P3
CEP GND
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
CEP
Count Enable Parallel Input
CET
Count Enable Trickle Input
CP
Clock Pulse Input
MR
(′161) Asynchronous Master Reset Input
SR
(′163) Synchronous Reset Input
P0−P3
Parallel Data Inputs
PE
Parallel Enable Input
Q0−Q3
Flip−Flop Outputs
TC
Terminal Count Output
http://onsemi.com
DIP−16
N SUFFIX
CASE 648
1
16
SO−16
D SUFFIX
CASE 751B
1
16
See general marking information in the device marking
section on page 11 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ−16
M SUFFIX
CASE 966
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION


同様の部品番号 - MC74AC163MEL

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC163 ONSEMI-MC74AC163 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
MC74AC163DG ONSEMI-MC74AC163DG Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
MC74AC163DR2G ONSEMI-MC74AC163DR2G Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
More results

同様の説明 - MC74AC163MEL

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com