データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC253MEL データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC74AC253MEL
部品情報  Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC253MEL データシート(HTML) 7 Page - ON Semiconductor

Back Button MC74AC253MEL Datasheet HTML 3Page - ON Semiconductor MC74AC253MEL Datasheet HTML 4Page - ON Semiconductor MC74AC253MEL Datasheet HTML 5Page - ON Semiconductor MC74AC253MEL Datasheet HTML 6Page - ON Semiconductor MC74AC253MEL Datasheet HTML 7Page - ON Semiconductor MC74AC253MEL Datasheet HTML 8Page - ON Semiconductor MC74AC253MEL Datasheet HTML 9Page - ON Semiconductor MC74AC253MEL Datasheet HTML 10Page - ON Semiconductor MC74AC253MEL Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC74AC253, MC74ACT253
http://onsemi.com
7
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Zn
5.0
2.0
11.5
2.0
13.0
ns
3−6
tPHL
Propagation Delay
Sn to Zn
5.0
3.0
13.0
2.5
14.5
ns
3−6
tPLH
Propagation Delay
In to Zn
5.0
2.5
10.0
2.0
11.0
ns
3−5
tPHL
Propagation Delay
In to Zn
5.0
3.5
11.0
3.0
12.5
ns
3−5
tPZH
Output Enable Time
5.0
2.0
7.5
1.5
8.5
ns
3−7
tPZL
Output Enable Time
5.0
2.0
8.0
1.5
9.0
ns
3−8
tPHZ
Output Disable Time
5.0
3.0
9.5
2.5
10.0
ns
3−7
tPLZ
Output Disable Time
5.0
2.5
7.5
2.0
8.5
ns
3−8
* Voltage Range 5.0 V is 5.0 V ±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
50
pF
VCC = 5.0 V
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
AC157
AWLYWW
MC74AC157N
AWLYYWW
AC
157
ALYW
ACT157
AWLYWW
ACT
157
ALYW
MC74ACT157N
AWLYYWW
DIP−16
SO−16
TSSOP−16
EIAJ−16
74AC157
ALYW
74ACT157
ALYW


同様の部品番号 - MC74AC253MEL

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC253DG ONSEMI-MC74AC253DG Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC253DR2G ONSEMI-MC74AC253DR2G Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC253DTR2G ONSEMI-MC74AC253DTR2G Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
More results

同様の説明 - MC74AC253MEL

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257 Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
MC74AC153 ONSEMI-MC74AC153 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC352 ONSEMI-MC74AC352 Datasheet
178Kb / 7P
   Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
NL27WZ126 ONSEMI-NL27WZ126_06 Datasheet
73Kb / 6P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 6
NL27WZ125 ONSEMI-NL27WZ125_06 Datasheet
71Kb / 5P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 5
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com