データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDZ2553NZ データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FDZ2553NZ
部品情報  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ2553NZ データシート(HTML) 6 Page - Fairchild Semiconductor

  FDZ2553NZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT
OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT
RIGHTS, NOR THE RIGHTS OF OTHERS.
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUTTHE EXPRESS WRITTENAPPROVALOF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
ImpliedDisconnect™
ISOPLANAR™
LittleFET™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC
OPTOPLANAR™
FACT™
FACT Quiet Series™
FAST
FASTr™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
Rev. I3
ACEx™
ActiveArray™
Bottomless™
CoolFET™
CROSSVOLT™
DOME™
EcoSPARK™
E2CMOSTM
EnSignaTM
PACMAN™
POP™
Power247™
PowerTrench
QFET
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
SILENT SWITCHER
SMART START™
SPM™
Stealth™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TinyLogic
TruTranslation™
UHC™
UltraFET
VCX™
Across the board. Around the world.™
The Power Franchise™
Programmable Active Droop™


同様の部品番号 - FDZ2553NZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
More results

同様の説明 - FDZ2553NZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554PZ FAIRCHILD-FDZ2554PZ Datasheet
149Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDW2509NZ FAIRCHILD-FDW2509NZ Datasheet
105Kb / 5P
   Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDW2516NZ FAIRCHILD-FDW2516NZ Datasheet
135Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com