データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDZ2554PZ データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDZ2554PZ
部品情報  Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ2554PZ データシート(HTML) 2 Page - Fairchild Semiconductor

  FDZ2554PZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDZ2554P Rev C3 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage VGS = 0 V, ID = –250 µA
–20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250 µA, Referenced to 25°C
–13
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSS
Gate–Body Leakage
VGS = ±12 V,
VDS = 0 V
±10
µA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250 µA
–0.6
–0.8
–1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250 µA, Referenced to 25°C
3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V, ID = –6.5 A
VGS = –2.5 V, ID = –5 A
VGS = –4.5 V, ID = –6.5 A, TJ=125°C
21
36
30
28
45
43
m
gFS
Forward Transconductance
VDS = –5 V,
ID = –6.5 A
24
S
Dynamic Characteristics
Ciss
Input Capacitance
1430
pF
Coss
Output Capacitance
320
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
170
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
9.2
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
15
26
ns
tr
Turn–On Rise Time
9
18
ns
td(off)
Turn–Off Delay Time
60
100
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6 Ω
37
60
ns
Qg
Total Gate Charge
15
21
nC
Qgs
Gate–Source Charge
3
nC
Qgd
Gate–Drain Charge
VDS = –10 V,
ID = –6.5 A,
VGS = –4.5 V
4
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.75
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,IS = –1.75 A
(Note 2)
–0.7
–1.2
V
trr
Reverse Recovery Time
25
ns
Qrr
Reverse Recovery Charge
IF = –6.5 A,
diF/dt = 100 A/µs
10
nC
Notes: 1.
RθJA is determined with the device mounted on a 1 in² 2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. The thermal resistance from the
junction to the circuit board side of the solder ball, RθJB, is defined for reference. For RθJC, the thermal reference point for the case is defined as the
top surface of the copper chip carrier. RθJC and RθJB are guaranteed by design while RθJA is determined by the user's board design.
a)
60°C/W when mounted
on a 1in2 pad of 2 oz
copper
b)
108°C/W when mounted
on a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%


同様の部品番号 - FDZ2554PZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
183Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results

同様の説明 - FDZ2554PZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
183Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com