データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC646N データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC74AC646N
部品情報  OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC646N データシート(HTML) 2 Page - ON Semiconductor

  MC74AC646N Datasheet HTML 1Page - ON Semiconductor MC74AC646N Datasheet HTML 2Page - ON Semiconductor MC74AC646N Datasheet HTML 3Page - ON Semiconductor MC74AC646N Datasheet HTML 4Page - ON Semiconductor MC74AC646N Datasheet HTML 5Page - ON Semiconductor MC74AC646N Datasheet HTML 6Page - ON Semiconductor MC74AC646N Datasheet HTML 7Page - ON Semiconductor MC74AC646N Datasheet HTML 8Page - ON Semiconductor MC74AC646N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC74AC646, MC74ACT646
http://onsemi.com
2
PIN ASSIGNMENT
PIN
FUNCTION
A0–A7
Data Register Inputs
Data Register A Outputs
B0–B7
Data Register B Inputs
Data Register B Outputs
CAB, CBA
Clock Pulse Inputs
SAB, SBA
Transmit/Receive Inputs
DIR, G
Output Enable Inputs
Figure 6. Logic Symbol
A0 A1 A2 A3 A4 A5 A6 A7
B0 B1 B2 B3 B4 B5 B6 B7
CAB
SAB
DIR
CBA
SBA
G
1 OF 8 CHANNELS
D0
C0
D0
C0
CAB
SAB
DIR
CBA
SBA
G
B0
A0
TO 7 OTHER CHANNELS
NOTE:
This diagram is provided only for the understanding of logic
operations and should not be used to estimate propagation delays.
Figure 7. Logic Diagram
Figure 5. Pinout: 24–Lead Packages Conductors
(Top View)
1
CAB
2
SAB
3
DIR
4
A0
5
A1
6
A2
7
A3
8
A4
9
A5
10
A6
11
A7
12
GND
24
23
22
21
20
19
18
17
16
14
13
VCC CBA SBA G
B0 B1 B2 B3 B4 B5 B6 B7
15


同様の部品番号 - MC74AC646N

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC646N MOTOROLA-MC74AC646N Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646N ONSEMI-MC74AC646N Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646N ONSEMI-MC74AC646N Datasheet
154Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
More results

同様の説明 - MC74AC646N

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
logo
NXP Semiconductors
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
STMicroelectronics
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com