データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5570ARS データシート(PDF) 1 Page - Analog Devices

部品番号 AD5570ARS
部品情報  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5570ARS データシート(HTML) 1 Page - Analog Devices

  AD5570ARS Datasheet HTML 1Page - Analog Devices AD5570ARS Datasheet HTML 2Page - Analog Devices AD5570ARS Datasheet HTML 3Page - Analog Devices AD5570ARS Datasheet HTML 4Page - Analog Devices AD5570ARS Datasheet HTML 5Page - Analog Devices AD5570ARS Datasheet HTML 6Page - Analog Devices AD5570ARS Datasheet HTML 7Page - Analog Devices AD5570ARS Datasheet HTML 8Page - Analog Devices AD5570ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
True Accuracy, 16-Bit ±12 V/±15 V,
Serial Input Voltage Output DAC
AD5570
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Full 16-bit performance
1 LSB max INL and DNL
Output voltage range up to ±14 V
On-board reference buffers, eliminating the need for a
negative reference
Controlled output during power-on
Temperature range of −40°C to +85°C/−40°C to +125°C
Settling time of 10 µs to 0.003%
Clear function to 0 V
Asynchronous update of outputs (LDAC pin)
Power-on reset
Serial data output for daisy chaining
Data readback facility
APPLICATIONS
Industrial automation
Automatic test equipment
Process control
Data acquisition systems
General-purpose instrumentation
FUNCTIONAL BLOCK DIAGRAM
VOUT
VDD
DGND
AD5570
REFIN
REFGND
LDAC
SDIN
CLR
SCLK
SYNC
PD
DAC REGISTER
SHIFT REGISTER
POWER-DOWN
CONTROL LOGIC
POWER-ON
RESET
SDO
VSS
R
AGND
AGNDS
R
R
R
16-BIT
DAC
Figure 1.
GENERAL DESCRIPTION
The AD5570 is a single 16-bit serial input, voltage output DAC
that operates from supply voltages of ±12 V up to ±15 V.
Integral linearity (INL) and differential nonlinearity (DNL) are
accurate to 1 LSB. During power-up (when the supply voltages
are changing), VOUT is clamped to 0 V via a low impedance path.
The AD5570 DAC comes complete with a set of reference
buffers. The reference buffers allow a single, positive reference
to be used. The voltage on REFIN is gained up and inverted
internally to give the positive and negative reference for the
DAC core. Having the reference buffers on-chip eliminates the
need for external components such as inverters, precision
amplifiers, and resistors, thereby reducing the overall solution
size and cost.
The AD5570 uses a versatile 3-wire interface that is compatible
with SPI®, QSPI™, MICROWIRE™, and DSP® interface standards.
Data is presented to the part in the format of a 16-bit serial
word. Serial data is available on the SDO pin for daisy-chaining
purposes. Data readback allows the user to read the contents of
the DAC register via the SDO pin.
Features on the AD5570 include LDAC, which may be used to
update the output of the DAC. The device also has a power-
down pin (PD), which allows the DAC to be put into a low
power state, and a CLR pin that allows the output to be cleared
to 0 V.
The AD5570 is available in a 16-lead SSOP package.
PRODUCT HIGHLIGHTS
1. 1 LSB maximum INL and DNL.
2. Buffered voltage output up to ±14 V.
3. Output controlled during power-up.
4. On-board reference buffers.
5. Wide temperature range of −40°C to +125°C.


同様の部品番号 - AD5570ARS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
More results

同様の説明 - AD5570ARS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
   % V, Serial Input Complete 12-Bit DAC
REV. A
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com