データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4935WLX データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM4935WLX
部品情報  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935WLX データシート(HTML) 1 Page - National Semiconductor (TI)

  LM4935WLX Datasheet HTML 1Page - National Semiconductor (TI) LM4935WLX Datasheet HTML 2Page - National Semiconductor (TI) LM4935WLX Datasheet HTML 3Page - National Semiconductor (TI) LM4935WLX Datasheet HTML 4Page - National Semiconductor (TI) LM4935WLX Datasheet HTML 5Page - National Semiconductor (TI) LM4935WLX Datasheet HTML 6Page - National Semiconductor (TI) LM4935WLX Datasheet HTML 7Page - National Semiconductor (TI) LM4935WLX Datasheet HTML 8Page - National Semiconductor (TI) LM4935WLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
LM4935
Audio Sub-System with Dual-Mode Stereo Headphone &
Mono High Efficiency Loudspeaker Amplifiers and
Multi-Purpose ADC
1.0 General Description
The LM4935 is an integrated audio subsystem that supports
both analog and digital audio functions. The LM4935 in-
cludes a high quality stereo DAC, a mono ADC, a multi-
purpose SAR ADC, a stereo headphone amplifier, which
supports output cap-less (OCL) or AC-coupled (SE)modes of
operation, a mono earpiece amplifier and a mono high effi-
ciency loudspeaker amplifier. It is designed for demanding
applications in mobile phones and other portable devices.
The LM4935 features a bi-directional I
2S serial interface for
full range audio and an I
2C or SPI compatible interface for
control. The stereo DAC path features an SNR of 88 dB with
an 18-bit 48 kHz input. In SE mode the headphone amplifier
delivers at least 33 mW
RMS toa32
Ω single-ended stereo
load with less than 1% distortion (THD+N) when A_V
DD =
3.3V. The mono earpiece amplifier delivers at least 115
mW
RMS toa32
Ω bridged-tied load with less than 1% distor-
tion (THD+N) when A_V
DD = 3.3V. The mono speaker am-
plifier delivers up to 600 mW into an 8
Ω load with less than
1% distortion when LS_V
DD = 3.3V and up to 1.3W when
LS_V
DD = 5.0V. The LM4935 also contains a general pur-
pose SAR ADC for housekeeping duties such as battery and
temperature monitoring. This can also be used for analog
volume control of the output stages and can trigger interrupt
events.
The LM4935 employs advanced techniques to reduce power
consumption, to reduce controller overhead to speed devel-
opment time and to eliminate click and pop. Boomer audio
power amplifiers were designed specifically to provide high
quality output power with a minimal amount of external com-
ponents. It is therefore ideally suited for mobile phone and
other low voltage applications where minimal power con-
sumption, PCB area and cost are primary requirements.
2.0 Applications
n
Smartphones
n
Mobile Phones and Multimedia Terminals
n
PDAs, Internet Appliances and Portable Gaming
n
Portable DVD/CD/AAC/MP3 Players
n
Digital Cameras/Camcorders
3.0 Key Specifications
n
P
HP (AC-COUP) @ A_VDD = 3.3V, 32
Ω, 1% THD
33 mW
n
P
HP (OCL) @ A_VDD = 3.3V, 32
Ω, 1% THD
31 mW
n
P
LS @ LS_VDD =5V, 8
Ω, 1% THD
1.3 W
n
P
LS @ LS_VDD = 4.2V, 8
Ω, 1% THD
900 mW
n
P
LS @ LS_VDD = 3.3V, 8
Ω, 1% THD
600 mW
j Supply Voltage Range
BB_V
DD = 1.8V to 4.5V,
D_V
DD & PLL_VDD = 2.7V to 4.5V
LS_V
DD & A_VDD = 2.7V to 5.5V
n
Shutdown Current
1.1 µA
n
PSRR @ 217 Hz, A_V
DD = 3.3V, (Headphone)
60 dB
n
SNR (Stereo DAC to AUXOUT)
88 dB (typ)
n
SNR (Mono ADC from Cell Phone In)
90 dB (typ)
n
SNR (Aux In to Headphones)
98 dB (typ)
4.0 Features
n
18-bit stereo DAC
n
16-bit mono ADC
n
12-bit 4 input multipurpose SAR ADC
n
8 kHz to 48 kHz stereo audio playback
n
8 kHz to 48 kHz mono recording
n
1 Hz to 13.888 kHz sample rate on all 4 SAR channels
n
Bidirectional PCM/I
2S compatible audio interface
n
Sigma-Delta PLL for operation from any clock at any
sample rate
n
Low power clock network operation if 12 MHz system
clock is available
n
Read/write I
2C or SPI compatible control interface
n
33mW stereo headphone amplifier at 3.3V
n
OCL or AC-coupled headphone operation
n
Automatic headphone & microphone detection
n
Support for internal and external microphones
n
Automatic gain control for microphone input
n
High efficiency BTL 8
Ω amplifier, 600 mW @ 3.3V
n
115 mW earpiece amplifier at 3.3V
n
Differential audio I/O for external cellphone module
n
Mono differential auxiliary output
n
Stereo auxiliary inputs
n
Differential microphone input for internal microphone
n
Flexible audio routing from input to output
n
32 Step volume control for mixers with 1.5 dB steps
n
16 Step volume control for microphone in 2 dB steps
n
Programmable sidetone attenuation in 3 dB steps
n
DC Volume Control
n
Two configurable GPIO ports
n
Programmable voltage triggers on SAR channels
n
Multi-function IRQ output
n
Micro-power shutdown mode
n
Available in the4x4mm49 bump microfil package
Boomer® is a registered trademark of National Semiconductor Corporation.
October 2005
© 2005 National Semiconductor Corporation
DS201341
www.national.com


同様の部品番号 - LM4935WLX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4935 TI1-LM4935 Datasheet
2Mb / 91P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49350 TI-LM49350 Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
More results

同様の説明 - LM4935WLX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
LM4935 TI1-LM4935_14 Datasheet
2Mb / 91P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com