データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-47409.MP94 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 HLMP-47409.MP94
部品情報  PCB MOUNT LED INDICATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-47409.MP94 データシート(HTML) 2 Page - Fairchild Semiconductor

  HLMP-47409.MP94 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-47409.MP94 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-47409.MP94 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-47409.MP94 Datasheet HTML 4Page - Fairchild Semiconductor HLMP-47409.MP94 Datasheet HTML 5Page - Fairchild Semiconductor HLMP-47409.MP94 Datasheet HTML 6Page - Fairchild Semiconductor HLMP-47409.MP94 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PACKAGE DIMENSIONS
12/11/02
Page 2 of 7
© 2002 Fairchild Semiconductor Corporation
PCB MOUNT LED INDICATORS
General Notes:
1. All dimensions are in inches (mm).
2. Tolerance is ±0.15 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored diffused lens except those with an asterisk (*), which denotes colored clear lens.
5. A double asterisk (**) denotes that the cathode, as indicated, is the red cathode for the RED/GRN
bicolor LED.
6. Custom color combinations are available.
T-1 3/4 (5mm)
Part Number
Color
View
Angle
(°)
VF
mcd
@
mA
DIM A
PKG.
FIG.
in.
(mm)
MV60538.MP5
MV63538.MP5
MV64538.MP5
MV67538.MP5
RED
YLW
GRN
H-E RED
65
65
65
65
1.7
2.1
2.2
2.1
2.0
18.0
26.0
14.0
20
20
20
20
.125
.125
.125
.125
(3.18)
(3.18)
(3.18)
(3.18)
5
5
5
5
MV60539.MP5
MV63539.MP5
MV64539.MP5
MV67539.MP5
RED
YLW
GRN
H-E RED
65
65
65
65
1.7
2.1
2.2
2.1
3.2
20.0
28.0
15.0
20
20
20
20
.180
.180
.180
.180
(4.57)
(4.57)
(4.57)
(4.57)
5
5
5
5
LOW CURRENT (2mA)
HLMP-47009.MP5
HLMP-47199.MP5
HLMP-47409.MP5
H-E RED
YLW
GRN
45
45
45
1.8
1.9
1.9
2.0
2.0
3.0
2
2
2
.180
.180
.180
(4.57)
(4.57)
(4.57)
5
5
5
AlGaAs RED
HLMP-D1019.MP5
HLMP-D1509.MP5
AlGaAs RED
AlGaAs RED
65
24
1.8
1.6
70.0
3.0
20
1
.180
.180
(4.57)
(4.57)
5
5
ULTRA BRIGHT
MV33509.MP5
MV34509.MP5
MV37509.MP5
YLW*
GRN*
H-E RED*
24
24
24
2.2
2.2
2.2
150.0
150.0
150.0
20
20
20
.180
.180
.180
(4.57)
(4.57)
(4.57)
5
5
5
BICOLOR**
MV54919.MP5
RED/GRN
100
2.3
6.0
20
.180
(4.57)
5
MAX
.245
(6.22)
MAX
.245
(6.22)
DIM A
CATHODE
.190 DIA.
(4.63)
.020
(.51)
.145
(3.68)
.100
(2.54)
.100
(2.54)
.242 (6.15)
.222 (5.64)
Fig. - 5


同様の部品番号 - HLMP-47409.MP94

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HLMP-47409.MP94 QT-HLMP-47409.MP94 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-47409.MP94 QT-HLMP-47409.MP94 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
More results

同様の説明 - HLMP-47409.MP94

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
MV5000 QT-MV5000 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com