データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1002A260 データシート(PDF) 2 Page - Littelfuse

部品番号 SL1002A260
部品情報  Gas Discharge Tubes - High Performance Beta Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1002A260 データシート(HTML) 2 Page - Littelfuse

  SL1002A260 Datasheet HTML 1Page - Littelfuse SL1002A260 Datasheet HTML 2Page - Littelfuse SL1002A260 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
324
www .littelfuse .com
Gas Discharge Tubes
Nominal
On-State
Voltage
@ 1A (V)
20
20
20
20
20
20
Holdover
Voltage(1)
(V)
50
135
135
135
135
135
High Performance Beta Range
LITTELFUSE 2 TERMINAL MINI ARRESTER SERIES
TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
Notes:
(1) Tested according to ITU-T Rec.K12
(2) 10 shots, 8/20µs wave form per IEC 61000-4-5
(3) Measured @ 100 Volts
(4) Measured @ 1MHz, O volt bias
(5) Measured with 2/10µs wave form
(6) Measured with 10/350µs wave form
Greentube™ SL1002 Series Gas Plasma Arresters
Part Number
SL1002A090
SL1002A230
SL1002A250
SL1002A260
SL1002A350
SL1002A600
DC Voltage
@ 100V/sec
(V)
90
230
250
260
350
600
Max Dynamic
Breakover
Voltage @
100V/
µs (Vbr)
360
400
400
400
500
800
Max Dynamic
Breakover
Voltage @ 1
kV/
µs (Vbr)
700
500
500
500
600
900
MaxRepetitive
Impulse
Discharge
Current(2) (kA)
5
5
5
5
5
5
Max Single
Impulse
Discharge
Current(5) (A)
2
2
2
2
2
2
Max Single
Impulse
Discharge
Current(6) (A)
2
2
2
2
2
2
Max
Leakage
Current(3)
(nA)
100
100
100
100
100
100
Max
Capacit
ance(4)
(pF)
1.2
1.2
1.2
1.2
1.2
1.2
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs Time Characteristic
Typical Insertion loss figures
@1.0 GHz = 0.01dB
@1.4 GHz = 0.1dB
@1.8 GHz = 0.53dB
@2.1 GHz = 0.81dB
@2.45 GHz = 1.0dB
@2.8 GHz = 1.2dB
@3.1 GHz= 1.5dB
@3.5 GHz = 2.1dB
®
Pb
RoHS


同様の部品番号 - SL1002A260

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1002A260 LITTELFUSE-SL1002A260 Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1002A260 LITTELFUSE-SL1002A260 Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

同様の説明 - SL1002A260

メーカー部品番号データシート部品情報
logo
Littelfuse
HV275A LITTELFUSE-HV275A Datasheet
80Kb / 2P
   Gas Discharge Tubes - High Performance Beta Range
SL1011A LITTELFUSE-SL1011A Datasheet
177Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1021A LITTELFUSE-SL1021A Datasheet
272Kb / 4P
   Gas Discharge Tubes - High Performance Beta Range
SL1122A LITTELFUSE-SL1122A Datasheet
99Kb / 2P
   Gas Discharge Tubes - High Performance Alpha Range
SL1024B LITTELFUSE-SL1024B Datasheet
202Kb / 3P
   Gas Discharge Tubes - Omega Range
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com