データシートサーチシステム |
|
SL1024B データシート(PDF) 1 Page - Littelfuse |
|
SL1024B データシート(HTML) 1 Page - Littelfuse |
1 / 3 page 344 www .littelfuse .com Gas Discharge Tubes Omega Range Greentube™ SL1024B Series Gas Plasma Arresters ORDERING INFORMATION 3 ELECTRODE GDT a=TIP b=RING e=GROUND (centre electrode) GRAPHICAL SYMBOL a b e 1024 B SL Voltage Pin Configuration Failsafe Optio F=Plastic S=Solder n C=Core R=Leaded ø8.0+ _0.2 ø1.0+ _0.2 All dimensions in mm The SL1024B series offers high levels of current handling on fast rising transients created by induced Lightning disturbances. These devices are extremely robust and are able to divert pulses of 20,000 Amps. The SL1024B also features ultra low capacitance (typically 1pF or less) making them ideal for the protection of high-speed transmission equipment. FEATURES • RoHS compliant except ‘RS’ suffix • Low insertion loss • Excellent response to fast rising transients. • Ultra low capacitance. • 20KA surge capability tested with 8/20µs pulse as defined by IEC 61000-4-5 • Available with thermal failsafe option (add ‘F’ or ‘S’ suffix to part number) Applications: • Broadband equipment. • ADSL equipment. • XDSL equipment. • Satellite and CATV equipment. • Splitters • General telecom equipment. Mechanical Specifications: Weight: 2.7g (0.095 oz.) Materials: Electrode Base: Nickel Iron Alloy Electrode Plating: Bright Sn Body: Ceramic Device Marking: Littelfuse ‘LF’ marking, Voltage and date code. Red. ® Pb RoHS SL1024B xxxC SL1024B xxxR SL1024B xxxRF |
同様の部品番号 - SL1024B |
|
同様の説明 - SL1024B |