データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1024B090 データシート(PDF) 2 Page - Littelfuse

部品番号 SL1024B090
部品情報  Gas Discharge Tubes - Omega Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024B090 データシート(HTML) 2 Page - Littelfuse

  SL1024B090 Datasheet HTML 1Page - Littelfuse SL1024B090 Datasheet HTML 2Page - Littelfuse SL1024B090 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
345
www .littelfuse .com
8
Gas Discharge Tubes
Greentube™ SL1024B Series Gas Plasma Arresters
Omega Range
DC
Voltage
(V)
90
145
150
230
250
260
300
350
400
420
450
500
DC
Breakover
Voltage
Min-Max7
@ 100V/sec
(V)
70-120
116-174
120-180
184-276
200-300
210-310
240-360
280-420
320-480
345-500
360-540
400-500
Max
Dynamic
Breakover
Voltage @
100/µs
(V)
600
500
500
350
400
420
450
500
600
650
650
700
Alternating
Discharge
Current1,3
(A)
20
20
20
20
20
20
20
20
20
20
20
20
Max Single
Impulse
Discharge
Current
10/350µs5,2
(kA)
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
Max
Single
Impulse
Discharge
Current
8/20µs1.6
(kA)
40
40
40
40
40
40
40
40
40
40
40
40
Max
Repetitive
Impulse
Discharge
Current
8/20µs1,4
(kA)
20
20
20
20
20
20
20
20
20
20
20
20
(1) Total current through centre (ground) electrode, both line electrodes pulsed simultaneously; half value through
respective line terminal to ground.
(2) 100 amps, 10/1000µS pulse
(3) 10 shots, A.C. 60 Hz, 1sec. Duration.
(4) 10 shots, 8/20µS waveform
(5) either end (line) electrode to centre (ground) electrode
(6) Applies to ‘C’ option devices mounted in a suitable connector with high pressure contacts.
LITTELFUSE 3 TERMINAL ARRESTER SERIES
TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
Part Number
SL1024B090
SL1024B145
SL1024B150
SL1024B230
SL1024B250
SL1024B260
SL1024B300
SL1024B350
SL1024B400
SL1024B420
SL1024B450
SL1024B500
Alternating
Discharge
Current5,3
(A)
10
10
10
10
10
10
10
10
10
10
10
10
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs Time Characteristic
50
45
40
35
30
25
20
15
10
5
0
0
1
2
3
4
5
6
Current
(A)
1 line to ground
both lines to ground
Time vs. Current for Failsafe
®
Pb
RoHS


同様の部品番号 - SL1024B090

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1024B090 LITTELFUSE-SL1024B090 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024B090 LITTELFUSE-SL1024B090 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024B090 LITTELFUSE-SL1024B090 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1024B090 LITTELFUSE-SL1024B090 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1024B090 LITTELFUSE-SL1024B090 Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
More results

同様の説明 - SL1024B090

メーカー部品番号データシート部品情報
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com