データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q2008DH4 データシート(PDF) 4 Page - Littelfuse

部品番号 Q2008DH4
部品情報  Alternistor Triacs (6 A to 40 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q2008DH4 データシート(HTML) 4 Page - Littelfuse

  Q2008DH4 Datasheet HTML 1Page - Littelfuse Q2008DH4 Datasheet HTML 2Page - Littelfuse Q2008DH4 Datasheet HTML 3Page - Littelfuse Q2008DH4 Datasheet HTML 4Page - Littelfuse Q2008DH4 Datasheet HTML 5Page - Littelfuse Q2008DH4 Datasheet HTML 6Page - Littelfuse Q2008DH4 Datasheet HTML 7Page - Littelfuse Q2008DH4 Datasheet HTML 8Page - Littelfuse Q2008DH4 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Alternistor Triacs
Data Sheets
http://www.littelfuse.com
E4 - 4
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
See “General Notes” and “Electrical Specification Notes” on page E4 - 5.
Test Conditions
di/dt — Maximum rate-of-change of on-state current
dv/dt — Critical rate-of-rise of off-state voltage at rated VDRM gate open
dv/dt(c) — Critical rate-of-rise of commutation voltage at rated VDRM
and IT(RMS) commutating di/dt = 0.54 rated IT(RMS)/ms; gate
unenergized
I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms
for fusing
IDRM — Peak off-state current gate open; VDRM = maximum rated value
IGT — DC gate trigger current in specific operating quadrants;
VD = 12 V dc
IGTM — Peak gate trigger current
IH — Holding current (DC); gate open
IT(RMS) — RMS on-state current conduction angle of 360°
ITSM — Peak one-cycle surge
PG(AV) — Average gate power dissipation
PGM — Peak gate power dissipation; IGT ≤ IGTM
tgt — Gate controlled turn-on time; IGT = 300 mA with 0.1 µs rise time
VDRM — Repetitive peak blocking voltage
VGT — DC gate trigger voltage; VD = 12 V dc
VTM — Peak on-state voltage at maximum rated RMS current
IT(RMS)
Part Number
VDRM
IGT
Isolated
Non-isolated
(4)(16)
T0-220
TO-218
(16)
TO-218X
TO-220
TO-263
D2Pak
(1)
Volts
(3) (7) (15) (17)
mAmps
QI
QII
QIII
MAX
See “Package Dimensions” section for variations. (11)
MAX
16 A
Q2016LH3
Q2016RH3
Q2016NH3
200
20
20
20
Q4016LH3
Q4016RH3
Q4016NH3
400
20
20
20
Q6016LH3
Q6016RH3
Q6016NH3
600
20
20
20
Q8016LH3
Q8016RH3
Q8016NH3
800
20
20
20
QK016LH3
QK016RH3
QK016NH3
1000
20
20
20
Q2016LH4
Q2016RH4
Q2016NH4
200
35
35
35
Q4016LH4
Q4016RH4
Q4016NH4
400
35
35
35
Q6016LH4
Q6016RH4
Q6016NH4
600
35
35
35
Q8016LH4
Q8016RH4
Q8016NH4
800
35
35
35
QK016LH4
QK016RH4
QK016NH4
1000
35
35
35
Q2016LH6
Q2016RH6
Q2016NH6
200
80
80
80
Q4016LH6
Q4016RH6
Q4016NH6
400
80
80
80
Q6016LH6
Q6016RH6
Q6016NH6
600
80
80
80
Q8016LH6
Q8016RH6
Q8016NH6
800
80
80
80
QK016LH6
QK016RH6
QK016NH6
1000
80
80
80
25 A
Q2025L6
Q2025K6
Q2025J6
Q2025R6
Q2025NH6
200
80
80
80
Q4025L6
Q4025K6
Q4025J6
Q4025R6
Q4025NH6
400
80
80
80
Q6025L6
Q6025K6
Q6025J6
Q6025R6
Q6025NH6
600
80
80
80
Q8025L6
Q8025K6
Q8025J6
Q8025R6
Q8025NH6
800
80
80
80
QK025L6
QK025K6
QK025R6
QK025NH6
1000
80
80
80
30 A
Q2030LH5
200
50
50
50
Q4030LH5
400
50
50
50
Q6030LH5
600
50
50
50
35 A
Q2035RH5
Q2035NH5
200
50
50
50
Q4035RH5
Q4035NH5
400
50
50
50
Q6035RH5
Q6035NH5
600
50
50
50
40 A
Q2040K7
Q2040J7
200
100
100
100
Q4040K7
Q4040J7
400
100
100
100
Q6040K7
Q6040J7
600
100
100
100
Q8040K7
Q8040J7
800
100
100
100
QK040K7
1000
100
100
100
MT1
MT2
G
MT1
G
MT2
MT1
G
MT2
MT1
G
MT2
MT2
MT2
MT2
MT1
G


同様の部品番号 - Q2008DH4

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
Q2008DH4 ETC2-Q2008DH4 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

同様の説明 - Q2008DH4

メーカー部品番号データシート部品情報
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
STMicroelectronics
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com