データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1G3234BJR データシート(PDF) 6 Page - STMicroelectronics

部品番号 ST1G3234BJR
部品情報  1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3234BJR データシート(HTML) 6 Page - STMicroelectronics

Back Button ST1G3234BJR Datasheet HTML 2Page - STMicroelectronics ST1G3234BJR Datasheet HTML 3Page - STMicroelectronics ST1G3234BJR Datasheet HTML 4Page - STMicroelectronics ST1G3234BJR Datasheet HTML 5Page - STMicroelectronics ST1G3234BJR Datasheet HTML 6Page - STMicroelectronics ST1G3234BJR Datasheet HTML 7Page - STMicroelectronics ST1G3234BJR Datasheet HTML 8Page - STMicroelectronics ST1G3234BJR Datasheet HTML 9Page - STMicroelectronics ST1G3234BJR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ST1G3234
6/11
Figure 4: Test Circuit
CL = 10/30pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Table 9: Waveform Symbol Value
Figure 5: Waveform - Propagation Delay (f=1MHz; 50% duty cycle)
TEST
SWITCH
tPLH, tPHL
Open
Symbol
VCC
3.0 to 3.6V
2.3 to 2.7V
1.65 to 1.95V
VIH
VCC
VCC
VCC
VM
1.5V
VCC/2
VCC/2
VX
VOL +0.3V
VOL +0.15V
VOL +0.15V
VY
VOL -0.3V
VOL -0.15V
VOL -0.15V


同様の部品番号 - ST1G3234BJR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST1G3234BJR STMICROELECTRONICS-ST1G3234BJR Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
More results

同様の説明 - ST1G3234BJR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
   4-bit dual supply bus buffer level translator with a side series resistor
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST4G3235 STMICROELECTRONICS-ST4G3235 Datasheet
544Kb / 13P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
   2-bit dual supply bus transceiver level translator with a side series resistor
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com