データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA5130E データシート(PDF) 1 Page - Intersil Corporation

部品番号 CA5130E
部品情報  15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5130E データシート(HTML) 1 Page - Intersil Corporation

  CA5130E Datasheet HTML 1Page - Intersil Corporation CA5130E Datasheet HTML 2Page - Intersil Corporation CA5130E Datasheet HTML 3Page - Intersil Corporation CA5130E Datasheet HTML 4Page - Intersil Corporation CA5130E Datasheet HTML 5Page - Intersil Corporation CA5130E Datasheet HTML 6Page - Intersil Corporation CA5130E Datasheet HTML 7Page - Intersil Corporation CA5130E Datasheet HTML 8Page - Intersil Corporation CA5130E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
TM
File Number
1923.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
CA5130, CA5130A
15MHz, BiMOS Microprocessor
Operational Amplifiers with MOSFET
Input/CMOS Output
CA5130A and CA5130 are integrated circuit operational
amplifiers that combine the advantage of both CMOS and
bipolar transistors on a monolithic chip. They are designed
and guaranteed to operate in microprocessors or logic
systems that use +5V supplies.
Gate protected P-Channel MOSFET (PMOS) transistors are
used in the input circuit to provide very high input
impedance, very low input current, and exceptional speed
performance. The use of PMOS field effect transistors in the
input stage results in common mode input voltage capability
down to 0.5V below the negative supply terminal, an
important attribute in single supply applications.
A complementary symmetry MOS (CMOS) transistor-pair,
capable of swinging the output voltage to within 10mV of
either supply voltage terminal (at very high values of load
impedance), is employed as the output circuit.
The CA5130 Series circuits operate at supply voltages ranging
from 4V to 16V, or
±2V to ±8V when using split supplies. They
can be phase compensated with a single external capacitor,
and have terminals for adjustment of offset voltage for
applications requiring offset null capability. Terminal provisions
are also made to permit strobing of the output stage.
The CA5130A, CA5130 have guaranteed specifications for
5V operation over the full military temperature range of
-55oC to 125oC.
Pinout
CA5130 (PDIP)
TOP VIEW
Features
• MOSFET Input Stage
-
Very High Zl . . . . . . . . . . . . . 1.5TΩ (1.5 x 10
12Ω) (Typ)
-
Very Low ll . . . . . . . . . . . . . 5pA (Typ) at 15V Operation
2pA (Typ) at 5V Operation
• Ideal for Single Supply Applications
• Common Mode Input Voltage Range Includes
Negative Supply Rail; Input Terminals Can Be Swung
0.5V Below Negative Supply Rail
• CMOS Output Stage Permits Signal Swing to Either (or Both)
Supply Rails
• CA5130A, CA5130 Have Full Military Temperature Range
Guaranteed Specifications for V+ = 5V
• CA5130A, CA5130 Are Guaranteed to Operate Down to
V+ = 4.5V for AOL
• CA5130A, CA5130 Are Guaranteed to Operate at
±7.5V
CA3130A, CA3130 Specifications
Applications
• Ground Referenced Single Supply Amplifiers
• Fast Sample-Hold Amplifiers
• Long Duration Timers/Monostables
• High Input lmpedance Comparators (Ideal Interface with
Digital CMOS)
• High lnput Impedance Wideband Amplifiers
• Voltage Followers (e.g., Follower for Single-Supply
D/A Converter)
• Voltage Regulators (Permits Control of Output Voltage
Down to 0V)
• Peak Detectors
• Single Supply Full Wave Precision Rectifiers
• Photo Diode Sensor Amplifiers
• 5V Logic Systems
• Microprocessor Interface
1
2
3
4
8
7
6
5
V+
OFFSET NULL
INV. INPUT
V-
NON-INV. INPUT
STROBE
OUTPUT
OFFSET NULL
+
Part Number Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA5130AE
-55 to 125
8 Ld PDIP
E8.3
CA5130E
-55 to 125
8 Ld PDIP
E8.3
Data Sheet
March 2000
[ /Title
()
/Sub-
ject ()
/Autho
r ()
/Key-
words
()
/Cre-
ator ()
/DOCI
NFO
pdf-
mark
[
/Page-
Mode
/Use-
Out-
lines
/DOC-
VIEW
pdf-
mark
OBSOLETE
PRODUCT
POSSIBLE
SUBSTITUTE
PRODUCT
CA3130


同様の部品番号 - CA5130E

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CA513 MACOM-CA513 Datasheet
372Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
CA513 MA-COM-CA513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
More results

同様の説明 - CA5130E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com