データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


MMBT5550 データシート(Datasheet) 3 Page - Fairchild Semiconductor

部品番号. MMBT5550
部品情報  NPN General Purpose Amplifier
ダウンロード  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
3
www.fairchildsemi.com
MMBT5550 Rev. A
Typical Performance Characteristics
Figure 1. Typical Pulsed Current Gain
vs Collector Current
Figure 2. Collector-Emitter Saturation Voltage
vs Collector Current
Figure 3. Base-Emitter Saturation Voltage
vs Collector Current
Figure 4. Base-Emitter On Voltage
vs Collector Current
Figure 5. Collector Cutoff Current
vs Ambient Temperature
Figure 6. Input and Output Capacitance
vs Reverse Voltaget
0.1
1
10
100
0
50
100
150
200
250
50
20
5
2
0.5
0.2
-40
oC
25
oC
125
oC
V
CE = 5V
I
C - COLLECTOR CURRENT (mA)
110
100
0.0
0.1
0.2
0.3
0.4
0.5
- 40
oC
25
oC
125
oC
β = 10
I
C - COLLECTOR CURRENT (mA)
110
100
0.0
0.2
0.4
0.6
0.8
1.0
200
125
o
C
25
oC
- 40
oC
β = 10
I
C - COLLECTOR CURRENT (mA)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
- 40
o
C
25
oC
125
oC
V
CE = 5V
I
C - COLLECTOR CURRENT (mA)
25
50
75
100
125
1
10
50
T - AMBIE NT TEMP ERATURE ( C)
A
°
V
= 100V
CB
0.1
1
10
100
0
5
10
15
20
25
30
V
- COLLECTOR VOLTAGE (V)
C
f = 1.0 MHz
CE
C
cb
ib




Html ページ

1  2  3  4  5  6 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
2SC4617NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
MMBT4401NPN General Purpose Amplifier 1 2 3 Micro Commercial Components
NTE46Silicon NPN Transistor Darlington General Purpose Amplifier Preamp Driver 1 2 NTE Electronics
MPS6515NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
FFB5551Dual-Chip NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
FMBM5551NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
HN1C01FUNPN EPITAXIAL TYPE AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor
2N3946NPN Small Signal General Purpose Amplifier & Switch 1 2 3 4 5 MoreFairchild Semiconductor
BC547NPN General Purpose Amplifier 1 2 Fairchild Semiconductor
BCW66GNPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl