データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75347E データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LC75347E
部品情報  Six-Channel Single-Chip Electronic Volume Control System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75347E データシート(HTML) 2 Page - Sanyo Semicon Device

  LC75347E Datasheet HTML 1Page - Sanyo Semicon Device LC75347E Datasheet HTML 2Page - Sanyo Semicon Device LC75347E Datasheet HTML 3Page - Sanyo Semicon Device LC75347E Datasheet HTML 4Page - Sanyo Semicon Device LC75347E Datasheet HTML 5Page - Sanyo Semicon Device LC75347E Datasheet HTML 6Page - Sanyo Semicon Device LC75347E Datasheet HTML 7Page - Sanyo Semicon Device LC75347E Datasheet HTML 8Page - Sanyo Semicon Device LC75347E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
No. 7378 -2/17
LC75347E
Parameter
Symbol
Pin
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
11
V
VIN1 max
CE, DI, CL, MUTE
–0.3 to +11
Maximum input voltage
OUTP1 to OUTP4
V
VIN2 max
FL, FR, RL, RR, C, SBW, FLTON,
VSS – 0.3 to VDD + 0.3
FRTON, FLIN, FRIN
Output current
IOUT
OUTP1 to OUTP4
0 to 1
mA
Allowable power dissipation
Pdmax
Ta
≤ 85°C
600
mW
*1. When mounted on a PCB
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
*1: PCB dimensions: 76.1
× 114.3 × 1.6 mm, PCB materials: glass epoxy
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
4.5
10.5
V
High-level input voltage
VIH
CL, DI, CE, MUTE
2.5
10.5
V
OUTP1 to OUTP4
Low-level input voltage
VIL
CL, DI, CE, MUTE
7.5
≤ VDD ≤ 10.5
VSS
0.8
V
4.5
≤ VDD < 7.5
VSS
0.3
FL, FR, RL, RR, C, SBW,
Input amplitude
VIN
FLTON, FRTON, FLIN,
VSS
VDD
Vp-p
FRIN
Input pulse width
tøW
CL
1
µs
Setup time
tsetup
CL, DI, CE
1
µs
Hold time
thold
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
[Volume and Selector Blocks]
FL, FR, RL, RR, C, SBW,
Input resistance
Rin
FLTON, FRTON, FLIN,
50
k
FRIN
[Treble Band Equalizer Control Block]
Control range
Geq
max. boost/cut
±10
±12
±14
dB
Step resolution
Estep
1
2
3
dB
Internal feedback resistance
Rfeed
51.7
k
[Bass Band Equalizer Control Block]
Control range
Geq
max. boost/cut
±10
±12
±14
dB
Step resolution
Estep
1
2
3
dB
Internal feedback resistance
Rfeed
38.9
k
[Output Port Block]
Low-level output voltage
V0
OUTP1 to OUTP4
Rh = 10 k
Ω, Vd = 5 V
0.5
V
Electrical Characteristics at Ta = 25°C, VDD = 9 V, VSS = 0 V
Continued on next page.


同様の部品番号 - LC75347E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342M SANYO-LC75342M Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
More results

同様の説明 - LC75347E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
   Electronic Volume Control System on-Chip
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
   Two-Channel Electronic Volume Control System
May, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com