データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC78T15C データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC78T15C
部品情報  THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78T15C データシート(HTML) 8 Page - ON Semiconductor

Back Button MC78T15C Datasheet HTML 4Page - ON Semiconductor MC78T15C Datasheet HTML 5Page - ON Semiconductor MC78T15C Datasheet HTML 6Page - ON Semiconductor MC78T15C Datasheet HTML 7Page - ON Semiconductor MC78T15C Datasheet HTML 8Page - ON Semiconductor MC78T15C Datasheet HTML 9Page - ON Semiconductor MC78T15C Datasheet HTML 10Page - ON Semiconductor MC78T15C Datasheet HTML 11Page - ON Semiconductor MC78T15C Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC78T00 Series
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 9. Dropout Voltage
Figure 10. Peak Output Current
0
102030
40
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
1.0
0.5
0
t, TIME (
µs)
Vout = 5.0 V
Iout = 150 mA
CO = 0
TJ = 25°C
1.0
010
20
30
40
t, TIME (
µs)
Vin = 10 V
CO = 0
TJ = 25°C
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
1.5
0.5
0
Figure 11. Line Transient Response
Figure 12. Load Transient Response
Figure 13. Maximum Average Power
Dissipation for MC78T00CT, ACT
TJ, JUNCTION TEMPERATURE (°C)
2.5
2.0
1.5
1.0
0.5
–90
–50
–10
30
70
110
150
190
Vin–VO, INPUT–OUTPUT VOLTAGE (Vdc)
8.0
6.0
4.0
2.0
0
0
102030
40
TJ = 125°C
TJ = 25°C
TJ = 0°C
TA, AMBIENT TEMPERATURE (°C)
40
30
20
10
0
25
50
75
100
125
Maximum Ambient
Temperature
Infinite
Heatsink
1.3
°C/W
10.5
°C
6.3
°C/W
3.3
°C/W
2.4
°C/W
θSA of Heatsinks
Iout = 3.0 A
Iout = 1.0 A
Iout = 0.5 A
∆VO = 50 mV


同様の部品番号 - MC78T15C

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC78T15CT MOTOROLA-MC78T15CT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC78T15CT FAIRCHILD-MC78T15CT Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
logo
ON Semiconductor
MC78T15CT ONSEMI-MC78T15CT Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
More results

同様の説明 - MC78T15C

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC78T00 MOTOROLA-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com