データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC78T05BTG データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC78T05BTG
部品情報  THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78T05BTG データシート(HTML) 7 Page - ON Semiconductor

Back Button MC78T05BTG Datasheet HTML 3Page - ON Semiconductor MC78T05BTG Datasheet HTML 4Page - ON Semiconductor MC78T05BTG Datasheet HTML 5Page - ON Semiconductor MC78T05BTG Datasheet HTML 6Page - ON Semiconductor MC78T05BTG Datasheet HTML 7Page - ON Semiconductor MC78T05BTG Datasheet HTML 8Page - ON Semiconductor MC78T05BTG Datasheet HTML 9Page - ON Semiconductor MC78T05BTG Datasheet HTML 10Page - ON Semiconductor MC78T05BTG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC78T00 Series
7
MOTOROLA ANALOG IC DEVICE DATA
Vout = 5.0 V
Vin = 7.5 V
Iout = 1.0 A
CO = 0
TJ = 25°C
Vin – Vout = 10 V
Iout = 100 mA
Figure 3. Temperature Stability
Figure 4. Output Impedance
1.02
1.0
.98
–90
–50
–10
30
70
110
150
190
TJ, JUNCTION TEMPERATURE (°C)
100
10–1
10–2
10–3
10–4
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M 100 M
f, FREQUENCY (Hz)
Figure 5. Ripple Rejection versus Frequency
Vout = 5.0 V
Vin = 10 V
CO = 0
TJ = 25°C
100
80
60
40
20
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
100 M
f, FREQUENCY (Hz)
Figure 6. Ripple Rejection versus
Output Current
Figure 7. Quiescent Current versus
Input Voltage
Figure 8. Quiescent Current versus
Output Current
Iout, OUTPUT CURRENT (A)
100
80
60
40
30
0.01
0.1
1.0
10
Vin, INPUT VOLTAGE (Vdc)
4.0
3.0
2.0
1.0
0
0
1020
3040
TJ = 125°C
TJ = 25°C
TJ = 0°C
TJ = 0°C
Iout, OUTPUT CURRENT (A)
4.0
3.0
2.0
1.0
0
5.0
0.01
0.1
1.0
10
Vout = 5.0 V
Vin = 10 V
CO = 0
f = 120 Hz
TJ = 25°C
Iout = 50 mA
Iout = 1.5 A
TJ = 125°C
TJ = 25°C
TJ = 0°C
TJ = 25°C
TJ = 125°C
Vin–Vout = 5.0 V


同様の部品番号 - MC78T05BTG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC78T05BTG ONSEMI-MC78T05BTG Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
More results

同様の説明 - MC78T05BTG

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC78T00 MOTOROLA-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com