データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H181 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC10H181
部品情報  4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H181 データシート(HTML) 4 Page - ON Semiconductor

  MC10H181 Datasheet HTML 1Page - ON Semiconductor MC10H181 Datasheet HTML 2Page - ON Semiconductor MC10H181 Datasheet HTML 3Page - ON Semiconductor MC10H181 Datasheet HTML 4Page - ON Semiconductor MC10H181 Datasheet HTML 5Page - ON Semiconductor MC10H181 Datasheet HTML 6Page - ON Semiconductor MC10H181 Datasheet HTML 7Page - ON Semiconductor MC10H181 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10H181
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5.0%) (See Note 1.)
0
°
+25
°
+75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
159
145
159
mA
Input Current High
Pin 22
Pins 14,23
Pins 13,15,17
Pins 10,16,18,21
Pins 9,11,19,20
IinH
720
405
515
475
465
450
255
320
300
275
450
255
320
300
275
µA
Input Current Low
Pins 9–11, 13–22
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Ifpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts.
AC PARAMETERS
AC Switching Characteristics
0
°C
+25
°C
+75
°C
Characteristic
Symbol
Input
Output
Conditions
Min
Max
Min
Max
Min
Max
Unit
Propagation Delay
Rise Time, Fall Time
t+ +, t– –
t+, t–
Cn
Cn
Cn+4
Cn+4
A0,A1,A2,A3
A0,A1,A2,A3
0.7
0.6
2.0
2.0
0.7
0.6
2.0
2.0
0.7
0.7
2.2
2.2
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ +, t+ –,
t– +, t– –
t+, t–
Cn
Cn
Cn
F1
F1
F1
A0
1.0
0.7
3.0
2.2
1.0
0.7
3.0
2.2
1.2
0.7
3.3
2.4
ns
Propagation Delay
Rise Time, Fall Time
t+ +, t+ –,
t– +, t– –
t+, t–
A1
A1
A1
F1
F1
F1
1.5
0.7
3.7
2.0
1.5
0.7
3.7
2.0
1.6
0.7
4.0
2.2
ns
Propagation Delay
Rise Time, Fall Time
t+ +, t– –
t+, t–
A1
A1
PG
PG
S0,S3
S0,S3
1.5
0.9
3.7
2.4
1.5
0.9
3.7
2.4
1.6
0.9
4.0
2.6
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ +, t– –
t+, t–
A1
A1
GG
GG
A0,A2,A3,Cn
A0,A2,A3,Cn
1.5
0.7
3.7
2.2
1.5
0.7
3.7
2.2
1.6
0.7
3.9
2.4
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ –, t– +
t+, t–
A1
A1
Cn+4
Cn+4
A0,A2,A3,Cn
A0,A2,A3,Cn
1.5
0.5
3.6
2.0
1.5
0.5
3.6
2.0
1.6
0.5
3.9
2.2
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ +, t– +
t+, t–
B1
B1
F1
F
S3,Cn
S3,Cn
2.0
0.7
4.5
2.3
2.0
0.7
4.5
2.3
2.1
0.7
4.8
2.5
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ +, t– –
t+, t–
B1
B1
PG
PG
S0,A1
S0,A1
1.5
0.7
3.8
2.2
1.5
0.7
3.8
2.2
1.6
0.7
4.0
2.4
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ +, t– –
t+, t–
B1
B1
GG
GG
S3,Cn
S3,Cn
1.5
0.7
3.7
2.2
1.5
0.7
3.7
2.2
1.6
0.7
4.0
2.4
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ –, t– +
t+, t–
B1
B1
Cn+4
Cn+4
S3,Cn
S3,Cn
2.0
0.5
4.0
2.0
2.0
0.5
4.0
2.2
2.1
0.5
4.3
2.2
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ +, t+ –
t+, t–
M
M
F1
F1
1.5
0.8
4.2
2.3
1.5
0.8
4.2
2.3
1.6
0.8
4.5
2.5
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ –, t– +
t+, t–
S1
S1
F1
F1
A1,B1
A1,B1
1.5
0.7
4.5
2.0
1.5
0.7
4.5
2.0
1.6
0.7
4.8
2.2
ns
ns
Propagation Delay
Rise Time, Fall Time
t– +, t+ –
t+, t–
S1
S1
PG
PG
A3,B3
A3,B3
1.5
0.7
4.0
2.0
1.5
0.7
4.0
2.2
1.6
0.7
4.3
2.4
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ –, t– +
t+, t–
S1
S1
Cn+4
Cn+4
A3,B3
A3,B3
1.5
0.7
4.1
2.2
1.5
0.7
4.1
2.2
1.6
0.7
4.4
2.4
ns
ns
Propagation Delay
Rise Time, Fall Time
t+ –, t– +
t+, t–
S1
S1
GG
GG
A3,B3
A3,B3
1.3
0.5
4.5
3.2
1.3
0.5
4.5
3.2
1.4
0.5
4.8
3.4
ns
ns
† Logic high level (+1.11 Vdc) applied to pins listed. All other input pins are left floating or tied to +0.31 Vdc.
VCC1 = VCC2 = +2.0 Vdc, VEE = –3.2 Vdc


同様の部品番号 - MC10H181

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
MC10H181FN ONSEMI-MC10H181FN Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
MC10H181L ONSEMI-MC10H181L Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
MC10H181P ONSEMI-MC10H181P Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
More results

同様の説明 - MC10H181

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC10181 MOTOROLA-MC10181 Datasheet
124Kb / 6P
   4-Bit Arithmetic Logic Unit/Function Generator
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
74ACT11181 TI1-74ACT11181 Datasheet
217Kb / 14P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
logo
National Semiconductor ...
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
   DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com