データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MGP4N60E データシート(PDF) 2 Page - ON Semiconductor

部品番号 MGP4N60E
部品情報  Insulated Gate Bipolar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGP4N60E データシート(HTML) 2 Page - ON Semiconductor

  MGP4N60E Datasheet HTML 1Page - ON Semiconductor MGP4N60E Datasheet HTML 2Page - ON Semiconductor MGP4N60E Datasheet HTML 3Page - ON Semiconductor MGP4N60E Datasheet HTML 4Page - ON Semiconductor MGP4N60E Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MGP4N60E
2
Motorola IGBT Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–to–Emitter Breakdown Voltage
(VGE = 0 Vdc, IC = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)CES
600
870
Vdc
mV/
°C
Emitter–to–Collector Breakdown Voltage (VGE = 0 Vdc, IEC = 100 mAdc)
V(BR)ECS
15
Vdc
Zero Gate Voltage Collector Current
(VCE = 600 Vdc, VGE = 0 Vdc)
(VCE = 600 Vdc, VGE = 0 Vdc, TJ = 125°C)
ICES
10
200
µAdc
Gate–Body Leakage Current (VGE = ± 20 Vdc, VCE = 0 Vdc)
IGES
50
mAdc
ON CHARACTERISTICS (1)
Collector–to–Emitter On–State Voltage
(VGE = 15 Vdc, IC = 1.5 Adc)
(VGE = 15 Vdc, IC = 1.5 Adc, TJ = 125°C)
(VGE = 15 Vdc, IC = 3.0 Adc)
VCE(on)
1.6
1.5
2.0
1.9
2.4
Vdc
Gate Threshold Voltage
(VCE = VGE, IC = 1.0 mAdc)
Threshold Temperature Coefficient (Negative)
VGE(th)
4.0
6.0
10
8.0
Vdc
mV/
°C
Forward Transconductance (VCE = 10 Vdc, IC = 3.0 Adc)
gfe
1.8
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vdc V
0 Vdc
Cies
342
pF
Output Capacitance
(VCE = 25 Vdc, VGE = 0 Vdc,
f = 1.0 MHz)
Coes
40
Transfer Capacitance
f = 1.0 MHz)
Cres
3.0
SWITCHING CHARACTERISTICS (1)
Turn–On Delay Time
(V
360 Vd
I
3 0 Ad
td(on)
34
ns
Rise Time
(VCC = 360 Vdc, IC = 3.0 Adc,
V
15 Vd
L
300 H
tr
30
Turn–Off Delay Time
VGE = 15 Vdc, L = 300 mH,
RG = 20 Ω)
td(off)
36
Fall Time
RG = 20 Ω)
Energy losses include “tail”
tf
216
Turn–Off Switching Loss
Eoff
0.10
0.15
mJ
Turn–On Delay Time
(V
360 Vd
I
3 0 Ad
td(on)
33
ns
Rise Time
(VCC = 360 Vdc, IC = 3.0 Adc,
V
15 Vd
L
300 H
tr
32
Turn–Off Delay Time
VGE = 15 Vdc, L = 300 mH,
RG = 20 Ω, TJ = 125°C)
td(off)
56
Fall Time
RG = 20 Ω, TJ = 125 C)
Energy losses include “tail”
tf
340
Turn–Off Switching Loss
Eoff
0.165
mJ
Gate Charge
(V
360 Vdc I
3 0 Adc
QT
18.1
nC
(VCC = 360 Vdc, IC = 3.0 Adc,
VGE = 15 Vdc)
Q1
3.8
VGE = 15 Vdc)
Q2
7.8
INTERNAL PACKAGE INDUCTANCE
Internal Emitter Inductance
(Measured from the emitter lead 0.25
″ from package to emitter bond pad)
LE
7.5
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.


同様の部品番号 - MGP4N60E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MGP4N60E MOTOROLA-MGP4N60E Datasheet
124Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP4N60ED ONSEMI-MGP4N60ED Datasheet
146Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
1998 REV 1
More results

同様の説明 - MGP4N60E

メーカー部品番号データシート部品情報
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com