データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS78M24A データシート(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS78M24A
部品情報  3-Terminal Medium Current Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M24A データシート(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

  TS78M24A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M24A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M24A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M24A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M24A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78M24A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78M24A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78M24A Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78M24A Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TS78M00A series
9-9
2003/12 rev. B
TO-220 Mechanical Drawing
I
J
E
G
F
D
B
A
M
N
O
L
K
P
TO-220 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
3.240
4.440
0.128
0.175
C
2.440
2.940
0.096
0.116
D
-
6.350
-
0.250
E
0.381
1.106
0.015
0.040
F
2.345
2.715
0.092
0.058
G
4.690
5.430
0.092
0.107
H
12.700
14.732
0.500
0.581
I
8.382
9.017
0.330
0.355
J
14.224
16.510
0.560
0.650
K
3.556
4.826
0.140
0.190
L
0.508
1.397
0.020
0.055
M
27.700
29.620
1.060
1.230
N
2.032
2.921
0.080
0.115
O
0.255
0.610
0.010
0.024
P
5.842
6.858
0.230
0.270
TO-252 Mechanical Drawing
B
C
D
A
F
G
I
H
E
J
TO-252 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.570
6.840
0.259
0.269
B
9.250
10.400
0.364
0.409
C
0.550
0.700
0.022
0.028
D
2.560
2.670
0.101
0.105
E
2.300
2.390
0.090
0.094
F
0.490
0.570
0.019
0.022
G
1.460
1.580
0.057
0.062
H
0.520
0.570
0.020
0.022
I
5.340
5.550
0.210
0.219
J
1.460
1.640
0.057
0.065


同様の部品番号 - TS78M24A

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS78M24ACPRO TSC-TS78M24ACPRO Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24ACZC0 TSC-TS78M24ACZC0 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
More results

同様の説明 - TS78M24A

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS78M00 TSC-TS78M00 Datasheet
178Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
logo
List of Unclassifed Man...
TS78M05C ETC-TS78M05C Datasheet
177Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com