データシートサーチシステム |
|
TS2938CP5 データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd |
|
TS2938CP5 データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd |
4 / 5 page TS2938/A 4-5 2004/09 rev. A Application Information (continued) The next parameter which must be calculated the maximum allowable temperature rise. TR(max) is calculated by the using to formula: TR(max) = TJ(max) – TA(max) Where: TJ(max) is the maximum allowable junction temperature, which is 125 oC for commercial grade parts.TA(max) is the maximum ambient temperature which will be encountered in the application. Using the calculated values for TR(max) and PD, the maximum allowable value for the junction to ambient thermal resistance, θja, can now be found: θja = TR(max) / PD Inhibit Input TS2938/A feature an active-low (Inhibit) input that allows ON/OFF control of the regulator. The Inhibit input has TTL/CMOS compatible thresholds for simple interfacing with logic interfacing. Inhibit should be directly tied to Ground or keep open (not connected). IMPORTANT: if the maximum allowable value for is found to be ≥ 60 oC/W for the TO-220 package, ≥80 oC/W for the TO-263 package, ≥150 oC/W for the TO-252 package, or ≥170 oC/W for the SOT-223 package, no heatsink is needed since the package alone will dissipate enough heat to satisfy these requirements. If the calculated value for θja falls below these limits, a heatsink is required. |
同様の部品番号 - TS2938CP5 |
|
同様の説明 - TS2938CP5 |