データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ11033 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MJ11033
部品情報  COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11033 データシート(HTML) 1 Page - ON Semiconductor

  MJ11033 Datasheet HTML 1Page - ON Semiconductor MJ11033 Datasheet HTML 2Page - ON Semiconductor MJ11033 Datasheet HTML 3Page - ON Semiconductor MJ11033 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
High-Current Complementary
Silicon Transistors
. . . for use as output devices in complementary general purpose amplifier applica-
tions.
• High DC Current Gain — hFE = 1000 (Min) @ IC = 25 Adc
hFE = 400 (Min) @ IC = 50 Adc
• Curves to 100 A (Pulsed)
• Diode Protection to Rated IC
• Monolithic Construction with Built–In Base–Emitter Shunt Resistor
• Junction Temperature to +200_C
MAXIMUM RATINGS
Rating
Symbol
MJ11028
MJ11029
MJ11030
MJ11031
MJ11032
MJ11033
Unit
Collector–Emitter Voltage
VCEO
60
90
120
Vdc
Collector–Base Voltage
VCB
60
90
120
Vdc
Emitter–Base Voltage
VEB
5
Vdc
Collector Current — Continuous
Peak
IC
ICM
50
100
Adc
Base Current — Continuous
IB
2
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C @ TC = 100_C
PD
300
1.71
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Maximum Lead Temperature for
Soldering Purposes for
v 10 seconds
TL
275
_C
Thermal Resistance Junction to Case
R
θJC
0.584
_C
Figure 1. Darlington Circuit Schematic
BASE
EMITTER
COLLECTOR
≈ 3.0 k
≈ 25
PNP
MJ11029
MJ11031
MJ11033
BASE
EMITTER
COLLECTOR
≈ 3.0 k
≈ 25
NPN
MJ11028
MJ11030
MJ11032
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ11028/D
© Motorola, Inc. 1995
MJ11028
MJ11030
MJ11032
MJ11029
MJ11031
MJ11033
50 AMPERE
COMPLEMENTARY
SILICON
DARLINGTON
POWER TRANSISTORS
60 – 120 VOLTS
300 WATTS
*Motorola Preferred Device
NPN
PNP
*
*
CASE 197A–05
TO–204AE (TO–3)


同様の部品番号 - MJ11033

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
MJ11033 MOSPEC-MJ11033 Datasheet
154Kb / 3P
   POWER TRANSISTOR(50A,60-120V,300W)
logo
Motorola, Inc
MJ11033 MOTOROLA-MJ11033 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
Wing Shing Computer Com...
MJ11033 WINGS-MJ11033 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Seme LAB
MJ11033 SEME-LAB-MJ11033 Datasheet
59Kb / 2P
   COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJ11033 ONSEMI-MJ11033 Datasheet
68Kb / 4P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
More results

同様の説明 - MJ11033

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com