データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5204CY50 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS5204CY50
部品情報  150mA Low Noise LDO Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204CY50 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5204CY50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204CY50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204CY50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204CY50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS5204 series
1-4
2004/09 rev. A
TS5204
150mA Low Noise LDO Voltage Regulator
Low Power Consumption
Low Dropout Voltage 0.275V
General Description
The TS5204 series is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically
17mV at light loads and 165mV at 150mA), and very low power consumption (600uA at 100mA), providing high output
current even when the application requires very low dropout voltage. The TS5204 series is included a precision voltage
reference, error correction circuit, a current limited output driver, over temperature shutdown and revered battery
protection.
The TS5204 series is available in 3-pin SOT-23 and SOT-89 package.
Features
Ultra low noise output.
Output current up to 150mA
Low dropout voltage
Low power consumption
Internal current limit
Thermal shutdown protection
Ordering Information
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 3.0V, 2.9V, 2.8V, 2.5V and 1.8V. Leave
blank for adjustable version. Contact factory for
additional voltage options.
Part No.
Operating Temp.
Package
TS5204CXxx
SOT-23
TS5204CYxx
-40 ~ +125
oC
SOT-89
Applications
Cellular telephones
Palmtops, notebook computers
Battery powered equipment
Consumer and personal electronics
SMPS post regulator and DC to DC modules
High-efficiency linear power supplies
Typical Application Circuit
Absolute Maximum Rating (Note 1)
Input Supply Voltage
Vin
-20~ +20
V
Power Dissipation (Note 2)
PD
Internal limited
SOT-23
220
Thermal Resistance
SOT-89
Өja
180
oC/W
Operating Junction Temperature Range
Tj
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Pin assignment
SOT-89
1.
Output
2.
Ground
3.
Input
SOT-23
1.
Output
2.
Input
3.
Ground


同様の部品番号 - TS5204CY50

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS5204CY50RM TSC-TS5204CY50RM Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
More results

同様の説明 - TS5204CY50

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com