データシートサーチシステム |
|
TS39102CS1.8 データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
TS39102CS1.8 データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 10 page TS39100/1/2/3 2-10 2004/06 rev. E Operating Rating (Note 2) Operation Input Voltage Vin (operate) +2.25 ~ +16 V Operation Enable Voltage Ven (operate) +2.25 ~ +16 V Power Dissipation (Note 4) PD Internally Limited W Operating Junction Temperature Range TJ -40 ~ +125 oC Electrical Characteristics Vin = Vout + 1V, Venable= 2.25V, Tj = 25 oC, unless otherwise specified. Parameter Conditions Min Typ Max Unit Output Voltage IL=10mA 0.990|Vo| 1.010|Vo| Output Voltage 10mA ≤ IL ≤ 1.0A, Vo+1V ≤ Vin ≤ 8V 0.980|Vo| Vout 1.020|Vo| V Line Regulation IL=10mA, Vo+1V ≤Vin≤ 16V -- 0.05 0.5 % Load Regulation Vin=Vout+1V, 10mA ≤IL≤1A -- 0.2 1.0 % Output Voltage Temp. Coefficient -- 40 100 ppm/ oC Dropout Voltage (Note 5) ∆Vout= -1% IL=100mA IL=500mA IL=750mA IL=1.0A -- -- -- -- 100 275 350 400 250 500 630 mV Quiescent Current (Note 6) Vin=Vout+1V IL=100mA IL=500mA IL=750mA IL=1.0A -- -- -- -- 0.7 4.0 7.0 12.0 -- -- -- 20 mA Current Limited Vout=0, Vin=Vout+1V -- 1.8 2.5 A Reference (TS39102) Reference Voltage 0.980|Vo| 1.020|Vo| Reference Voltage (Note 7) 0.970|Vo| 1.24 1.030|Vo| V Adjust Pin Bias Current -- 40 120 nA Reference Voltage Temp. Coefficient (Note 8) -- 20 -- ppm/ oC Adjust Pin Bias Current Temp. Coefficient -- 0.1 -- nA/ oC Flag Output (TS39101) Output Leakage Current VOH=16V -- -- 2 uA Output Low Voltage (Note 9) Vin=0.9 * Vout, IOL=250uA -- -- 400 mV Upper Threshold Voltage % of Vout -- -- 99 % Lower Threshold Voltage % of Vout 93 -- -- % Hysteresis -- 1 -- % Enable Input (TS39101 / 2 / 3) Low (OFF) -- -- 0.8 Input Logic Voltage High (ON) 2.25 -- -- V Ven=2.25V -- -- 75 Enable Pin Input Current Ven=0.8V -- -- 4 uA |
同様の部品番号 - TS39102CS1.8 |
|
同様の説明 - TS39102CS1.8 |