データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41T00SM6F データシート(PDF) 10 Page - STMicroelectronics

部品番号 M41T00SM6F
部品情報  Serial Access Real-Time Clock
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00SM6F データシート(HTML) 10 Page - STMicroelectronics

Back Button M41T00SM6F Datasheet HTML 6Page - STMicroelectronics M41T00SM6F Datasheet HTML 7Page - STMicroelectronics M41T00SM6F Datasheet HTML 8Page - STMicroelectronics M41T00SM6F Datasheet HTML 9Page - STMicroelectronics M41T00SM6F Datasheet HTML 10Page - STMicroelectronics M41T00SM6F Datasheet HTML 11Page - STMicroelectronics M41T00SM6F Datasheet HTML 12Page - STMicroelectronics M41T00SM6F Datasheet HTML 13Page - STMicroelectronics M41T00SM6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
M41T00S
10/23
WRITE Mode
In this mode the master transmitter transmits to
the M41T00S slave receiver. Bus protocol is
shown in Figure 10. Following the START condi-
tion and slave address, a logic '0' (R/W=0) is
placed on the bus and indicates to the addressed
device that word address “An” will follow and is to
be written to the on-chip address pointer. The data
word to be written to the memory is strobed in next
and the internal address pointer is incremented to
the next address location on the reception of an
acknowledge clock. The M41T00S slave receiver
will send an acknowledge clock to the master
transmitter after it has received the slave address
see Figure 7., page 8 and again after it has re-
ceived the word address and each data byte.
Data Retention Mode
With valid VCC applied, the M41T00S can be ac-
cessed as described above with READ or WRITE
Cycles. Should the supply voltage decay, the pow-
er input will be switched from the VCC pin to the
battery when VCC falls below the Battery Back-up
Switchover Voltage (VSO). At this time the clock
registers will be maintained by the attached bat-
tery supply. On power-up, when VCC returns to a
nominal value, write protection continues for tREC.
For a further, more detailed review of lifetime cal-
culations, please see Application Note AN1012.
Figure 10. WRITE Mode Sequence
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS


同様の部品番号 - M41T00SM6F

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M41T00SM6F STMICROELECTRONICS-M41T00SM6F Datasheet
227Kb / 26P
   Serial access real-time clock
More results

同様の説明 - M41T00SM6F

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
M41T60 STMICROELECTRONICS-M41T60_05 Datasheet
258Kb / 24P
   Serial access real-time clock
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
   Serial access real-time clock with alarms
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
   Serial access real-time clock with alarms
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com