データシートサーチシステム |
|
R-7212P データシート(PDF) 1 Page - Recom International Power |
|
R-7212P データシート(HTML) 1 Page - Recom International Power |
1 / 5 page www.recom-international.com 1 24-August-2005 2, 3, 4 AMP SIP12 Vertical & & Horizontal INNOLINE DC/DC-Converter R-7xxxP_D Series ● Non-Isolated ● Synchronous rectification design ● Adjustable Output voltage ● 2, 3, 4AMP Adjustable Positive Step Down Integrated Switching Regulator ● Over load protection (125% full load typical) ● Remote ON/OFF Control(Ground Off) ● Wide Input Range ● Continuous short circuit protection (Very low short current Iin<50mA) ● Input voltage range 4.5V~28V ● Efficiency to 97% Features Selection Guide Part Input Nominal Vout Output Efficiency (%) Number Range Output Voltage Adjust Range Current Min. Vin 12V Max. Vin SIP12 (V) (V) (V) (A) R-723.3x 4.5 – 28 3.3 2.5 – 5.5 2 95 93 89 R-725.0x 6.5 – 28 5.0 3.0 – 6.0 2 96 95 91 R-726.5x 8.5 – 28 6.5 5.0 – 8.0 2 97 96 93 R-729.0x 12 – 28 9.0 7.0 – 11 2 96 - 93 R-7212x 15 – 28 12 10 – 14 2 97 - 95 R-7215x 19 – 28 15 13 – 17 2 97 - 96 R-733.3x 4.5 – 28 3.3 2.5 – 5.5 3 94 93 89 R-735.0x 6.5 – 28 5.0 3.0 – 6.0 3 95 95 92 R-736.5x 8.5 – 28 6.5 5.0 – 8.0 3 97 96 93 R-739.0x 12 – 28 9.0 7.0 – 11 3 96 - 94 R-7312x 15 – 28 12 10 – 14 3 97 - 96 R-7315x 19 – 28 15 13 – 17 3 97 - 96 R-743.3x 4.5 – 28 3.3 2.5 – 5.5 4 93 92 88 R-745.0x 6.5 – 28 5.0 3.0 – 6.0 4 95 94 91 R-746.5x 8.5 – 28 6.5 5.0 – 7.5 4 96 96 93 Note: Vin-Vout ≥ 1.5V~4.0V depending on Vout if adjust function is used! Suffix x: (see mechanical drawing for details) x = P pins vertical through hole x = D pins bent for horizontal through hole mounting The R-7XXX series is a high performance 2.5V to 15V , 2Amp to 4Amp,12-Pin SIP (single in-line package).Integrated switching regulator (ISR), Synchronuous - rectified design yields excellent efficien- cies up to 97%. Short circuit protection with crowbar function to reduce the short circuit current to under 50mA of input current. Description |
同様の部品番号 - R-7212P |
|
同様の説明 - R-7212P |