データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBD770T1 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MMBD770T1
部品情報  Schottky Barrier Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD770T1 データシート(HTML) 4 Page - ON Semiconductor

  MMBD770T1 Datasheet HTML 1Page - ON Semiconductor MMBD770T1 Datasheet HTML 2Page - ON Semiconductor MMBD770T1 Datasheet HTML 3Page - ON Semiconductor MMBD770T1 Datasheet HTML 4Page - ON Semiconductor MMBD770T1 Datasheet HTML 5Page - ON Semiconductor MMBD770T1 Datasheet HTML 6Page - ON Semiconductor MMBD770T1 Datasheet HTML 7Page - ON Semiconductor MMBD770T1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MMBD110T1 MMBD330T1 MMBD770T1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL CHARACTERISTICS
MMBD330T1
VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Total Capacitance
IF, FORWARD CURRENT (mA)
Figure 7. Minority Carrier Lifetime
VR, REVERSE VOLTAGE (VOLTS)
Figure 8. Reverse Leakage
VF, FORWARD VOLTAGE (VOLTS)
Figure 9. Forward Voltage
KRAKAUER METHOD
f = 1.0 MHz
0.2
0.4
0.6
0.8
1.0
1.2
0
6.0
12
18
24
10
1.0
0.1
0.01
0.001
0
20
40
60
500
0
80
100
0
3.0
6.0
9.0
12
15
21
2.8
30
24
27
18
2.4
2.0
1.6
1.2
0.8
0
100
10
1.0
0.1
30
10
30
50
70
90
400
300
200
100
0.4
TA = – 40°C
TA = 85°C
TA = 25°C
TA = 100°C
TA = 75°C
TA = 25°C
MMBD330T1
MMBD330T1
MMBD330T1
MMBD330T1


同様の部品番号 - MMBD770T1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MMBD770T1 MOTOROLA-MMBD770T1 Datasheet
153Kb / 8P
   Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD770T1 LRC-MMBD770T1 Datasheet
84Kb / 4P
   Schottky Barrier Diodes
logo
ON Semiconductor
MMBD770T1G ONSEMI-MMBD770T1G Datasheet
131Kb / 4P
   Schottky Barrier Diodes
October, 2010 -- Rev. 5
MMBD770T1G ONSEMI-MMBD770T1G Datasheet
132Kb / 5P
   MMBD330T1G
November, 2011 ??Rev. 6
More results

同様の説明 - MMBD770T1

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com