データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I2040AF-08-TR データシート(PDF) 2 Page - Alliance Semiconductor Corporation

部品番号 I2040AF-08-TR
部品情報  LCD Panel EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALSC [Alliance Semiconductor Corporation]
ホームページ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I2040AF-08-TR データシート(HTML) 2 Page - Alliance Semiconductor Corporation

  I2040AF-08-TR Datasheet HTML 1Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 2Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 3Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 4Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 5Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 6Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 7Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 8Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
October 2005
P2040A
rev 1.2
LCD Panel EMI Reduction IC
2 of 9
Notice: The information in this document is subject to change without notice.
MRA
SSON#
ModOUT
1
2
3
4
5
6
7
8
P2040A
CLKIN
SR1
VSS
SR0
VDD
Pin Configuration
Pin Description
Pin#
Pin
Name
Type
Description
1
CLKIN
I
External reference frequency input. Connect to externally generated reference signal.
2
MRA
I
Digital logic input used to select modulation rate. This pin has an internal pull-up resistor.
3
SR1
I
Digital logic input used to select Spreading Range. This pin has an internal pull-up resistor.
4
VSS
P
Ground to entire chip. Connect to system ground.
5
SSON#
I
Digital logic input used to enable Spread Spectrum function (Active LOW). Spread Spectrum
function enabled when LOW, disabled when HIGH. This pin has an internal pull-low resistor.
6
ModOUT
O
Spread spectrum clock output.
7
SR0
I
Digital logic input used to select Spreading Range. This pin has an internal pull-up resistor.
8
VDD
P
Power supply for the entire chip (3.3V)
Modulation Selection (Commercial)
MRA
SR1
SR0
Spreading Range
Modulation Rate (KHz)
0
0
0
± 1.125
(FIN /40) * 34.72KHz
0
0
1
± 1.75
(FIN /40) * 34.72KHz
0
1
0
± 0.75
(FIN /40) * 34.72KHz
0
1
1
± 1.25
(FIN /40) * 34.72KHz
1
0
0
± 1.25
(FIN /40) * 20.83KHz
1
0
1
± 2.00
(FIN /40) * 20.83KHz
1
1
0
Reserved
Reserved
1
1
1
Reserved
Reserved


同様の部品番号 - I2040AF-08-TR

メーカー部品番号データシート部品情報
logo
PulseCore Semiconductor
I2040AF-08-TR PULSECORE-I2040AF-08-TR Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
More results

同様の説明 - I2040AF-08-TR

メーカー部品番号データシート部品情報
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
   LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
Alliance Semiconductor ...
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P2040C ALSC-P2040C Datasheet
159Kb / 9P
   LCD Panel EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com