データシートサーチシステム |
|
I1819F-08ST データシート(PDF) 6 Page - Alliance Semiconductor Corporation |
|
I1819F-08ST データシート(HTML) 6 Page - Alliance Semiconductor Corporation |
6 / 8 page ® Low Power Mobile VGA EMI Reduction IC 6 of 8 March 2003 P1818/19/20/21/22 Notice: The information in this document is subject to change without notice. AC Electrical Characteristics 3.3 V, 25 ° C Symbol Parameter Min Typ Max Unit fIN Input frequency 10 – 160 MHz fOUT Output frequency 10 – 160 MHz tLH 1 1. tLH and tHL are measured into a capacitive load of 15 pF Output rise time (measured at 0.8 V to 2.0 V) –0.66 – ns tHL 1 Output fall time (measured at 2.0 V to 0.8 V) –0.65 – ns tJC Jitter (cycle to cycle) at 20 MHz -200 – 200 ps tD Output duty cycle 45 50 55 % |
同様の部品番号 - I1819F-08ST |
|
同様の説明 - I1819F-08ST |