データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3DV416 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3DV416
部品情報  4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3DV416 データシート(HTML) 8 Page - Texas Instruments

Back Button TS3DV416 Datasheet HTML 4Page - Texas Instruments TS3DV416 Datasheet HTML 5Page - Texas Instruments TS3DV416 Datasheet HTML 6Page - Texas Instruments TS3DV416 Datasheet HTML 7Page - Texas Instruments TS3DV416 Datasheet HTML 8Page - Texas Instruments TS3DV416 Datasheet HTML 9Page - Texas Instruments TS3DV416 Datasheet HTML 10Page - Texas Instruments TS3DV416 Datasheet HTML 11Page - Texas Instruments TS3DV416 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
APPLICATION INFORMATION
TMDS Data 2
TMDS Data 2+
TMDS Data 1
TMDS Data 1+
TMDS Data 0
TMDS Data 0+
TMDS Clock+
TMDS Clock
TS3DV416
To DVI Receiver
1
2
3
4
5
6
7
8
C1 C2
9 10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
C3 C4
C5
Typical DVI Connector
Pin
Name
Function
1
TMDS Data 2−
Digital red − (Link 1)
2
TMDS Data 2+
Digital red + (Link 1)
3
TMDS Data 2/4 shield
4
TMDS Data 4−
Digital green − (Link 2)
5
TMDS Data 4+
Digital green + (Link 2)
6
DDC clock
7
DDC data
8
Analog Vertical Sync
9
TMDS Data 1−
Digital green − (Link 1)
10
TMDS Data 1+
Digital green + (Link 1)
11
TMDS Data 1/3 shield
12
TMDS Data 3−
Digital blue − (Link 2)
13
TMDS Data 3+
Digital blue + (Link 2)
14
+5V
Power for monitor when in standby
15
Ground
Return for pin 14 and analog sync
16
Hot Plug Detect
17
TMDS data 0−
Digital blue − (Link 1) and digital sync
18
TMDS data 0+
Digital blue + (Link 1) and digital sync
19
TMDS data 0/5 shield
20
TMDS data 5−
Digital red − (Link 2)
21
TMDS data 5+
Digital red + (Link 2)
22
TMDS clock shield
23
TMDS clock+
Digital clock + (Links 1 and 2)
24
TMDS clock−
Digital clock − (Links 1 and 2)
C1 Analog Red
C2 Analog Green
C3 Analog Blue
C4 Analog Horizontal Sync
C5 Analog Ground
Return for R, G and B signals
TMDS Data 2
TMDS Data 2+
TMDS Data 1
TMDS Data 1+
TMDS Data 0
TMDS Data 0+
TMDS Clock+
TMDS Clock
1
2
9
10
17
23
24
1
2
9
10
17
18
23
24
TMDS Data 2
TMDS Data 2+
TMDS Data 1
TMDS Data 1+
TMDS Data 0
TMDS Data 0+
TMDS Clock+
TMDS Clock
DVI Connector 2
(Single Link)
TMDS Data 2
TMDS Data 2+
TMDS Data 1
TMDS Data 1+
TMDS Data 0
TMDS Data 0+
TMDS Clock+
TMDS Clock
DVI Connector 1
(Single Link)
1
2
9
10
17
18
23
24
TMDS Data 2
TMDS Data 2+
TMDS Data 1
TMDS Data 1+
TMDS Data 0
TMDS Data 0+
TMDS Clock+
TMDS Clock
TS3DV416
To DVI Receiver
1
2
3
4
5
6
7
8
C1 C2
9 10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
C3 C4
C5
Typical DVI Connector
Pin
Name
Function
1
TMDS Data 2−
Digital red − (Link 1)
2
TMDS Data 2+
Digital red + (Link 1)
3
TMDS Data 2/4 shield
4
TMDS Data 4−
Digital green − (Link 2)
5
TMDS Data 4+
Digital green + (Link 2)
6
DDC clock
7
DDC data
8
Analog Vertical Sync
9
TMDS Data 1−
Digital green − (Link 1)
10
TMDS Data 1+
Digital green + (Link 1)
11
TMDS Data 1/3 shield
12
TMDS Data 3−
Digital blue − (Link 2)
13
TMDS Data 3+
Digital blue + (Link 2)
14
+5V
Power for monitor when in standby
15
Ground
Return for pin 14 and analog sync
16
Hot Plug Detect
17
TMDS data 0−
Digital blue − (Link 1) and digital sync
18
TMDS data 0+
Digital blue + (Link 1) and digital sync
19
TMDS data 0/5 shield
20
TMDS data 5−
Digital red − (Link 2)
21
TMDS data 5+
Digital red + (Link 2)
22
TMDS clock shield
23
TMDS clock+
Digital clock + (Links 1 and 2)
24
TMDS clock−
Digital clock − (Links 1 and 2)
C1 Analog Red
C2 Analog Green
C3 Analog Blue
C4 Analog Horizontal Sync
C5 Analog Ground
Return for R, G and B signals
DVI Connector Pin Assignments
The TS3DV416 can be used to switch
between two digital video ports.
TMDS Data 2
TMDS Data 2+
TMDS Data 1
TMDS Data 1+
TMDS Data 0
TMDS Data 0+
TMDS Clock+
TMDS Clock
1
2
9
10
17
23
24
1
2
9
10
17
18
23
24
TMDS Data 2
TMDS Data 2+
TMDS Data 1
TMDS Data 1+
TMDS Data 0
TMDS Data 0+
TMDS Clock+
TMDS Clock
DVI Connector 2
(Single Link)
TMDS Data 2
TMDS Data 2+
TMDS Data 1
TMDS Data 1+
TMDS Data 0
TMDS Data 0+
TMDS Clock+
TMDS Clock
DVI Connector 1
(Single Link)
1
2
9
10
17
18
23
24
TS3DV416
4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH
FOR DVI/HDMI APPLICATIONS
SCDS198 – OCTOBER 2005
8


同様の部品番号 - TS3DV416

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DV416 TI-TS3DV416 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416 Datasheet
460Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416 Datasheet
469Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416DGGR TI-TS3DV416DGGR Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416DGGR TI-TS3DV416DGGR Datasheet
460Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
More results

同様の説明 - TS3DV416

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DV421 TI-TS3DV421 Datasheet
654Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_08 Datasheet
460Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_07 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_09 Datasheet
469Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
logo
Pericom Semiconductor C...
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
Texas Instruments
TS3DV520 TI-TS3DV520 Datasheet
285Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E Datasheet
299Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520RHURG4 TI-TS3DV520RHURG4 Datasheet
472Kb / 20P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E_10 Datasheet
618Kb / 19P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
logo
Pericom Semiconductor C...
PI3HDMI413 PERICOM-PI3HDMI413 Datasheet
1Mb / 8P
   4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com