データシートサーチシステム |
|
I1820B-08TT データシート(PDF) 3 Page - Alliance Semiconductor Corporation |
|
I1820B-08TT データシート(HTML) 3 Page - Alliance Semiconductor Corporation |
3 / 8 page ® Low Power Mobile VGA EMI Reduction IC 3 of 8 March 2003 P1818/19/20/21/22 Notice: The information in this document is subject to change without notice. Input Frequency and Modulation Rate Spread Deviation Selections Part number Input frequency range Output frequency range Modulation rate P1818 10 MHz to 20 MHz 10 MHz to 20 MHz Input frequency / 256 P1819 20 MHz to 40 MHz 20 MHz to 40 MHz Input frequency / 512 P1820 40 MHz to 80 MHz 40 MHz to 80 MHz Input frequency / 2048 P1821 FRS=0 10 MHz to 20 MHz 10 MHz to 20 MHz Input frequency / 256 FRS=1 20 MHz to 40 MHz 20 MHz to 40 MHz Input frequency / 512 P1822 80 MHz to 160 MHz 80 MHz to 160 MHz Input frequency / 3584 Part number1 1. A through H represents various combinations of spread deviations, options, and modulation rates. SRS SR0 D_C Spread deviation P18182/19/20/21A 2. Refer to Frequency vs. Deviation (P1818A and P1818H). 0 N/A N/A -2.50% (Down) 1 -3.50% (Down) P1818/19/20/21B 0 N/A N/A -1.25% (Down) 1 -1.75% (Down) P1818/19/20/21C 0 N/A N/A +/-1.25% (Center) 1 +/-1.75% (Center) P1818/19/20/21D 0 N/A N/A +/-0.625% (Center) 1 +/-0.875% (Center) P1818/19/20E N/A N/A 0 -1.25% (Down) 1 +/-0.625% (Center) P1818/19/20F N/A N/A 0 -2.5% (Down) 1 +/-1.25% (Center) P1818/19/20G N/A N/A 0 -1.75% (Down) 1 +/-0.875% (Center) P18182/19/20H N/A N/A 0 -3.5% (Down) 1 +/-1.75% (Center) P1822A 0 0 N/A -1.25% (Down) 0 1 -2.50% (Down) 1 0 -1.75% (Down) 1 1 -3.50% (Down) P1822B 0 0 N/A +/-0.625% (Center) 0 1 +/-1.25% (Center) 1 0 +/-0.875% (Center) 1 1 +/-1.75% (Center) |
同様の部品番号 - I1820B-08TT |
|
同様の説明 - I1820B-08TT |