データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I1818D-08TT データシート(PDF) 8 Page - Alliance Semiconductor Corporation

部品番号 I1818D-08TT
部品情報  Low Power Mobile VGA EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALSC [Alliance Semiconductor Corporation]
ホームページ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I1818D-08TT データシート(HTML) 8 Page - Alliance Semiconductor Corporation

  I1818D-08TT Datasheet HTML 1Page - Alliance Semiconductor Corporation I1818D-08TT Datasheet HTML 2Page - Alliance Semiconductor Corporation I1818D-08TT Datasheet HTML 3Page - Alliance Semiconductor Corporation I1818D-08TT Datasheet HTML 4Page - Alliance Semiconductor Corporation I1818D-08TT Datasheet HTML 5Page - Alliance Semiconductor Corporation I1818D-08TT Datasheet HTML 6Page - Alliance Semiconductor Corporation I1818D-08TT Datasheet HTML 7Page - Alliance Semiconductor Corporation I1818D-08TT Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
®
© Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product
names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility
for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this
data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to
be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any
responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including
liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale
(which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a
license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical
components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting
systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
Low Power Mobile VGA EMI Reduction IC
8 of 8
March 2003
P1818/19/20/21/22
Notice: The information in this document is subject to change without notice.
Ordering Information
1. Flow prefix:
I = industrial temperature range (-40
° C to 85° C)
P = commercial temperature range (0
° C to 70° C)
2. Device number
3. Deviation (%) and spread option identifier
4. Device pin count
5. Package identifier:
ST = SOIC in tube
SR = SOIC in tape and reel
TT = TSSOP in tube
TR = TSSOP in tape and reel
Example:
Licensed under U.S. patent numbers 5,488,627 and 5,631,920.
X18XX
X
-08
XX
12345
Ordering
number
Marking
Input
frequency
(MHz)
Frequency
deviation
(%)
Package
type
Qty. /
reel
Temp1
1. Products are available for industrial temperature range operation. Please contact factory for more information.
P1818A-08ST
P1818A
10 – 20
-2.5, -3.5
8 PIN SOIC, TUBE
0°C to 70°C
P1818A-08SR
P1818A
10 – 20
-2.5, -3.5
8 PIN SOIC, TAPE &
REEL
2,500
0°C to 70°C
P1818A-08TT
P1818A
10 – 20
-2.5, -3.5
8 PIN TSSOP, TUBE
0°C to 70°C
P1818A-08TR
P1818A
10 – 20
-2.5, -3.5
8 PIN TSSOP, TAPE &
REEL
2,500
0°C to 70°C


同様の部品番号 - I1818D-08TT

メーカー部品番号データシート部品情報
logo
Winbond
I1810P WINBOND-I1810P Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
I1810S WINBOND-I1810S Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
I1810X WINBOND-I1810X Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Alliance Semiconductor ...
I1817A-08SR ALSC-I1817A-08SR Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
I1817A-08TT PULSECORE-I1817A-08TT Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
More results

同様の説明 - I1818D-08TT

メーカー部品番号データシート部品情報
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com