データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D048C012T012M2N データシート(PDF) 7 Page - Vicor Corporation

部品番号 D048C012T012M2N
部品情報  DC-DC Converters Quarter Brick, 48 Vin Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

D048C012T012M2N データシート(HTML) 7 Page - Vicor Corporation

Back Button D048C012T012M2N Datasheet HTML 3Page - Vicor Corporation D048C012T012M2N Datasheet HTML 4Page - Vicor Corporation D048C012T012M2N Datasheet HTML 5Page - Vicor Corporation D048C012T012M2N Datasheet HTML 6Page - Vicor Corporation D048C012T012M2N Datasheet HTML 7Page - Vicor Corporation D048C012T012M2N Datasheet HTML 8Page - Vicor Corporation D048C012T012M2N Datasheet HTML 9Page - Vicor Corporation D048C012T012M2N Datasheet HTML 10Page - Vicor Corporation D048C012T012M2N Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PRELIMINARY
Vicor Corporation
Tel: 800-735-6200
VICBrick DC-DC Converter
Rev. 1.5
Page 7 of 14
vicorpower.com
+IN / –IN — DC Voltage Input Pins
The VICBrick DC-DC Converter input voltage range should
not be exceeded. The VICBrick’s internal under/over voltage
lockout-function prevents operation outside of the normal input
range. The VICBrick turns ON within an input voltage window
bounded by the "Input under-voltage turn-on" and "Input over-
voltage turn-off" levels, as specified. The module may be
protected against accidental application of a reverse input
voltage by the addition of a rectifier in series with the positive
input, or a reverse rectifier in shunt with the positive input
located on the load side of the input fuse.
Input impedance
Vicor recommends a minimum of 10 µF bypass capacitance be
used on-board across the +IN and –IN pins. The type of
capacitor used should have a low Q with some inherent ESR
such as an electrolytic capacitor. If ceramic capacitance is
required for space or MTBF purposes, it should be damped with
approximately 0.3
Ω series resistance.
The DC resistance of the source should be kept as low as possible.
ON/OFF PIN
The ON/OFF pin provides the following Enable/Disable
functionality:
Standard "M" configuration — If the ON/OFF pin is left
floating, the module output is disabled. Once this port is pulled
lower than 0.7 Vdc with respect to –IN, the output is enabled.
This action can be realized by employing a relay, opto-coupler
or open collector transistor. This pin should not be toggled at a rate
higher than 1 Hz.
Optional "P" configuration — This is the reverse function
from above: when the ON/OFF pin is left floating, the module
output is enabled. Once this port is pulled lower than 1.7 Vdc with
respect to –IN, the output is disabled.
If not using the ON/OFF pin function, perform one of the
following to turn the converter on:
For M configuration, short ON/OFF pin to –IN.
For P configuration, leave ON/OFF pin open.
+OUT / – OUT — DC Voltage Output Pins
The 0.060" diameter + and – output pins are rated for a
maximum current of 50 A. Two sets of pins are provided for all
units with a current rating over 50 A. These pins must be
connected in parallel with minimal interconnect resistance.
Output impedance
The very low output impedance of the VICBrick reduces
or eliminates the need for limited life aluminum electrolytic
or tantalum capacitors at the input of the non-isolated
point-of-load converters.
+SENSE / –SENSE — Remote Sense Pins
Remote sense minimizes the effects of distributiion losses by
regulating the voltage at the remote sense connections.
Pin/Control Functions


同様の部品番号 - D048C012T012M2N

メーカー部品番号データシート部品情報
logo
Powerbox
D048C012T012M2N POWERBOX-D048C012T012M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
More results

同様の説明 - D048C012T012M2N

メーカー部品番号データシート部品情報
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com