データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D048C033T015M1N データシート(PDF) 2 Page - Vicor Corporation

部品番号 D048C033T015M1N
部品情報  DC-DC Converters Quarter Brick, 48 Vin Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

D048C033T015M1N データシート(HTML) 2 Page - Vicor Corporation

  D048C033T015M1N Datasheet HTML 1Page - Vicor Corporation D048C033T015M1N Datasheet HTML 2Page - Vicor Corporation D048C033T015M1N Datasheet HTML 3Page - Vicor Corporation D048C033T015M1N Datasheet HTML 4Page - Vicor Corporation D048C033T015M1N Datasheet HTML 5Page - Vicor Corporation D048C033T015M1N Datasheet HTML 6Page - Vicor Corporation D048C033T015M1N Datasheet HTML 7Page - Vicor Corporation D048C033T015M1N Datasheet HTML 8Page - Vicor Corporation D048C033T015M1N Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PRELIMINARY
Vicor Corporation
Tel: 800-735-6200
VICBrick DC-DC Converter
Rev. 1.5
Page 2 of 14
vicorpower.com
PART NUMBERING
Nominal
Input Voltage
Nominal
Output
Voltage (x10)
C = 1/4 Brick
Product
Grade
T= -40 to 125°C
Package Style
1 = Single output pins
2 = Dual output pins
(see page 3)
Enable
Polarity
P=”+”
M=”–”
(see page 7)
Output
Power
(x 0.1)
Model Number
Input
Output
Max Continuous
Typical
Output Voltage
Voltage
Voltage
Output Current
Full Load
Trim Range
Fuse Value
(Vdc)
(Vdc)
(Amps)
Efficiency
(Vdc)
D048C010T010M2N
36 – 75
1.0
80*
83
0.90 – 1.10
5.0 A
D048C012T012M2N
36 – 75
1.2
80*
84
1.08 – 1.32
6.3 A
D048C015T012M2N
36 – 75
1.5
80
87
1.35 – 1.65
6.3 A
D048C018T014M2N
36 – 75
1.8
80
88
1.62 – 1.98
6.3 A
D048C025T015M2N
36 – 75
2.5
60
89
2.25 – 2.75
7.0 A
D048C030T014M1N
36 – 75
3.0
45
90
2.70 – 3.30
8.0 A
D048C033T015M1N
36 – 75
3.3
45
91
2.97 – 3.63
7.0 A
D048C050T015M1N
36 – 75
5.0
30
93
4.50 – 5.50
7.0 A
PRODUCT MATRIX
D
048
C
030
T
014
M
2
N
INPUT FUSING
VICBricks are not internally fused in order to provide flexibility in power system configuration. Input line fusing of VICBricks
must always be incorporated within the power system. The input line fuse should be placed in series with +IN. Vicor recommends
using the Littlefuse Nano 451/453 series for fusing VICBricks. Please refer to the chart above for appropriate fuse values.
Specifications
* 100 A for 100 ms


同様の部品番号 - D048C033T015M1N

メーカー部品番号データシート部品情報
logo
Powerbox
D048C033T010M1N POWERBOX-D048C033T010M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C033T010M2N POWERBOX-D048C033T010M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C033T012M1N POWERBOX-D048C033T012M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C033T012M2N POWERBOX-D048C033T012M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C033T014M1N POWERBOX-D048C033T014M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
More results

同様の説明 - D048C033T015M1N

メーカー部品番号データシート部品情報
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com