データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I048C030T015P2 データシート(PDF) 4 Page - Vicor Corporation

部品番号 I048C030T015P2
部品情報  Intermediate Bus Converters Quarter-Brick, 48 Vin Family
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

I048C030T015P2 データシート(HTML) 4 Page - Vicor Corporation

  I048C030T015P2 Datasheet HTML 1Page - Vicor Corporation I048C030T015P2 Datasheet HTML 2Page - Vicor Corporation I048C030T015P2 Datasheet HTML 3Page - Vicor Corporation I048C030T015P2 Datasheet HTML 4Page - Vicor Corporation I048C030T015P2 Datasheet HTML 5Page - Vicor Corporation I048C030T015P2 Datasheet HTML 6Page - Vicor Corporation I048C030T015P2 Datasheet HTML 7Page - Vicor Corporation I048C030T015P2 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Vicor Corporation Tel: 800-735-6200 vicorpower.com
Quarter-Brick Intermediate Bus Converters
Rev. 1.3
Page 4 of 8
Factorized Power
PRELIMINARY
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage
Complies with basic insulation requirements
Input to output
2,250
Vdc
In/Out to chassis
1,500
Vdc
Isolation resistance
10
MΩ
Input to output
Agency approvals (pending)
cTÜVus
UL/CSA 60950, EN 60950
CE Mark
Low voltage directive
SAFETY SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Operating junction temperature
-40
+125
°C
Storage temperature
-40
+150
°C
Temperature limiting
125
130
135
°C
Junction temperature
Thermal capacity
1 BCM
14.3
Ws/°C
2 BCM
22.8
Ws/°C
Pin soldering temperature
Wave
500 (260)
°F (°C)
<5 sec
Hand
750 (390)
°F (°C)
<7 sec
THERMAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
MTBF
MIL-HDBK-217F
3,600
Khrs
25°C, GB; per BCM
Telcordia TR-NT-000332
4,200
Khrs
per BCM
Weight
3.7 (104)
oz (g)
Dimensions
2.3 x 1.45 x 0.47
in
L x W x H
58,4 x 36,8 x 11,9
mm
L x W x H
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Voltage (P version)
4.8
5.0
5.2
Vdc
Disable voltage (P version)
2.4
2.5
Vdc
Enable voltage (P version)
2.5
2.6
Vdc
Enable voltage (M version)
1.2
1.5
Vdc
Disable voltage (M version)
1.5
3.5
Vdc
Current limit (P version)
2.4
2.5
2.9
mA
Source only
CONTROL SPECIFICATIONS – PRIMARY CONTROL (PC PIN)


同様の部品番号 - I048C030T015P2

メーカー部品番号データシート部品情報
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
237Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
More results

同様の説明 - I048C030T015P2

メーカー部品番号データシート部品情報
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
I048C015T014P2 VICOR-I048C015T014P2 Datasheet
237Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
logo
TDK Electronics
IQG TDK-IQG Datasheet
731Kb / 2P
   300-450W Quarter Brick Converters
logo
SynQor Worldwide Headqu...
BQ50120QTA20 SYNQOR-BQ50120QTA20 Datasheet
512Kb / 12P
   Quarter-brick DC Bus Converter
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
logo
Murata Manufacturing Co...
RBC-1217-D48P-C MURATA-RBC-1217-D48P-C Datasheet
353Kb / 10P
   RBC-12/17-D48 Series Quarter Brick, Regulated Bus Converters
logo
DATEL, Inc.
QB300S48-3.2 DATEL-QB300S48-3.2 Datasheet
141Kb / 1P
   Quarter-Brick, 150-Watt, 48 Volts Output
More results


Html Pages

1 2 3 4 5 6 7 8