データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


MAX8621Y データシート(Datasheet) 2 Page - Maxim Integrated Products

部品番号. MAX8621Y
部品情報  Dual Step-Down DC-DC Power-Management ICs for Portable Devices
ダウンロード  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  http://www.maxim-ic.com
Logo 

 
 2 page
background image
Dual Step-Down DC-DC Power-Management ICs
for Portable Devices
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3.7V, CIN1 = 10µF, CIN2 = CIN3 = 4.7µF, COUT1 = COUT2 = 4.7µF, COUT3 = COUT4 = 2.2µF, CREFBP = 0.01µF, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: LX_ has internal clamp diodes to GND and IN1. Applications that forward-bias these diodes should take care not to exceed
the IC’s package dissipation limits.
PWRON, IN1, IN2, IN3,
RESET, FB1, FB2,
ENDR, REFBP, SEL1, SEL2 to GND..................-0.3V to +6.0V
EN2, EN3, EN4, DR to GND.......................-0.3V to (VIN3 + 0.3V)
OUT1, OUT2, OUT3, OUT4 to GND...........-0.3V to (VIN2 + 0.3V)
PGND1, PGND2 to GND ......................................-0.3V to + 0.3V
LX1, LX2 Current ..........................................................±1.5ARMS
LX1, LX2 to GND (Note 1) ..........................-0.3V to (VIN1 + 0.3V)
DR Current......................................................................0.5ARMS
Continuous Power Dissipation (TA = +70°C)
24-Pin 4mm x 4mm Thin QFN
(derate 27.8mW/°C above +70°C) ..........................2222.2mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Range
After startup
2.6
5.5
V
Shutdown Supply Current
VIN = 4.2V (Note 3)
2
15
µA
VIN = 3.7V; BUCK1, BUCK2, OUT1, OUT2 on; other
circuits off
160
300
No-Load Supply Current
VIN = 3.7V, BUCK1 and BUCK2 on, all LDOs on
275
µA
Light-Load Supply Current
VIN = 3.7V, BUCK1 and BUCK2 with 500µA load each,
OUT1 and OUT2 on, other circuits off
710
µA
UNDERVOLTAGE LOCKOUT
VIN rising
2.70
2.85
3.05
Undervoltage Lockout (Note 4)
VIN falling
2.35
2.55
V
THERMAL SHUTDOWN
Threshold
TA rising
+160
°C
Hysteresis
15
°C
REFERENCE
Reference Bypass Output
Voltage
TA = 0°C to +85°C
1.235
1.250
1.265
V
REF Supply Rejection
2.6V
≤ VIN ≤ 5.5V
0.2
mV/V
LOGIC AND CONTROL INPUTS
Input Low Level
PWRON,
EN2, EN3, EN4; 2.6V
≤ VIN ≤ 5.5V
0.4
V
PWRON,
EN2, EN3, EN4; 2.6V
≤ VIN ≤ 4.2V
1.44
1.12
Input High Level
PWRON,
EN2, EN3, EN4; 2.6V
≤ VIN ≤ 5.5V
1.25
V
Logic Input Current
EN3, EN4; 0V < VIN < 5.5V
-1
+1
µA
Tristate Low Input Threshold
SEL_
0.3
0.7
1.0
V
Tristate Low Input Threshold
Hysteresis
SEL_
50
mV
Tristate High Input Threshold
SEL_
VIN -
1.2V
VIN -
0.8V
VIN -
0.4V
V




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
ELM9709NBACMOS voltage detector IC for battery-operated portable devices 1 2 3 4 5 MoreELM Electronics
PM6685DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER 1 2 3 4 5 MoreSTMicroelectronics
LM3205650mA Miniature Adjustable Step-Down DC-DC Converter for RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX1816Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers 1 2 3 4 5 MoreMaxim Integrated Products
LM3658Dual Source USB/AC Li Chemistry Charger IC for Portable Applications 1 2 3 4 5 MoreNational Semiconductor (TI)
CMD4510Motor Driver for Portable DVD Player with DC-DC Step Down Converter 1 2 3 4 5 MoreCeramate Technical
CGY0819GaAs MMIC Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones Dual band operation 1 2 3 4 5 MoreSiemens Semiconductor Group
ST60-10PInterface Connectors for Miniature Portable Terminal Devices 1 2 3 4 5 MoreHirose Electric
LM2706Miniature Variable Step-Down DC-DC Converter with Bypass for RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
DPA424Highly Integrated DC-DC Converter ICs for Distributed Power Architectures 1 2 3 4 5 MorePower Integrations, Inc.

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl