データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCHS162830 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74ALVCHS162830
部品情報  18-bit to 36-bit address driver with bus hold (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCHS162830 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCHS162830 Datasheet HTML 2Page - NXP Semiconductors 74ALVCHS162830 Datasheet HTML 3Page - NXP Semiconductors 74ALVCHS162830 Datasheet HTML 4Page - NXP Semiconductors 74ALVCHS162830 Datasheet HTML 5Page - NXP Semiconductors 74ALVCHS162830 Datasheet HTML 6Page - NXP Semiconductors 74ALVCHS162830 Datasheet HTML 7Page - NXP Semiconductors 74ALVCHS162830 Datasheet HTML 8Page - NXP Semiconductors 74ALVCHS162830 Datasheet HTML 9Page - NXP Semiconductors 74ALVCHS162830 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product data
74ALVCHS162830
18-bit to 36-bit address driver with bus hold
(3-State)
2001 Sep 07
7
From Output
Under Test
Load Circuit
Open
GND
TEST
S1
tpd
tPLZ/tPZL
Open
2
× VCC
tPHZ/tPZH
GND
SV01849
500
CL = 30 pF
(see Note A)
500
2
× VCC
PARAMETER MEASUREMENT INFORMATION
VCC = 2.5 V ± 0.2 V
Timing
Input
VCC/2
VCC
0 V
VCC
0 V
VCC/2
VCC/2
tsu
th
Voltage Waveforms
Setup and Hold Times
VCC
0 V
VCC/2
VCC/2
tw
Data
Input
Input
Voltage Waveforms
Pulse Duration
VCC
0 V
Input
VCC/2
VCC/2
tPLH
VOH
VOL
VCC/2
VCC/2
tPHL
Output
Voltage Waveforms
Propagation Delay Times
VCC
0 V
Output
Control
(low-level
enabling)
VCC/2
VCC/2
VCC
VOL
VOL + 0.15 V
tPZL
tPLZ
VCC/2
VOH
0 V
VOH – 0.15 V
VCC/2
tPZH
tPHZ
Voltage Waveforms
Enable and Disable Times
Output
Waveform 1
S1 at 2 x VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
S1
NOTES:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Figure 1. Load circuit and voltage waveforms


同様の部品番号 - 74ALVCHS162830

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI1-74ALVCHS162830A Datasheet
286Kb / 9P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830AGR TI-74ALVCHS162830AGR Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830AGR TI1-74ALVCHS162830AGR Datasheet
286Kb / 9P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI1-74ALVCHS162830A_09 Datasheet
286Kb / 9P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCHS162830

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCHS16830 PHILIPS-74ALVCHS16830 Datasheet
80Kb / 10P
   18-bit to 36-bit address driver with bus hold (3-State)
2002 Mar 15
logo
Integrated Device Techn...
IDT74ALVCHS162830 IDT-IDT74ALVCHS162830 Datasheet
64Kb / 6P
   3.3V CMOS 1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH162344 IDT-IDT74ALVCH162344 Datasheet
84Kb / 6P
   3.3V CMOS 1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHS162830 RENESAS-IDT74ALVCHS162830 Datasheet
255Kb / 7P
   3.3V CMOS 1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
OCTOBER 1999
logo
Texas Instruments
SN74ALVCH16282 TI-SN74ALVCH16282 Datasheet
140Kb / 10P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHG162282 TI-SN74ALVCHG162282 Datasheet
104Kb / 8P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHG162282 TI1-SN74ALVCHG162282_08 Datasheet
297Kb / 12P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCHS162830 TI-SN74ALVCHS162830 Datasheet
97Kb / 7P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com