データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT2222AT1D データシート(PDF) 1 Page - ON Semiconductor

部品番号 PZT2222AT1D
部品情報  NPN SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT2222AT1D データシート(HTML) 1 Page - ON Semiconductor

  PZT2222AT1D Datasheet HTML 1Page - ON Semiconductor PZT2222AT1D Datasheet HTML 2Page - ON Semiconductor PZT2222AT1D Datasheet HTML 3Page - ON Semiconductor PZT2222AT1D Datasheet HTML 4Page - ON Semiconductor PZT2222AT1D Datasheet HTML 5Page - ON Semiconductor PZT2222AT1D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NPN Silicon Planar
Epitaxial Transistor
This NPN Silicon Epitaxial transistor is designed for use in linear and switching
applications. The device is housed in the SOT-223 package which is designed for
medium power surface mount applications.
• PNP Complement is PZT2907AT1
• The SOT-223 package can be soldered using wave or reflow.
• SOT-223 package ensures level mounting, resulting in improved thermal
conduction, and allows visual inspection of soldered joints. The formed
leads absorb thermal stress during soldering, eliminating the possibility of
damage to the die.
• Available in 12 mm tape and reel
Use PZT2222AT1 to order the 7 inch/1000 unit reel.
Use PZT2222AT3 to order the 13 inch/4000 unit reel.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
40
Vdc
Collector-Base Voltage
VCBO
75
Vdc
Emitter-Base Voltage (Open Collector)
VEBO
6.0
Vdc
Collector Current
IC
600
mAdc
Total Power Dissipation up to TA = 25°C(1)
PD
1.5
Watts
Storage Temperature Range
°
Tstg
– 65 to +150
°C
Junction Temperature
°
TJ
150
°C
THERMAL CHARACTERISTICS
Thermal Resistance from Junction to Ambient
R
θJA
83.3
°C/W
Lead Temperature for Soldering, 0.0625
″ from case
Time in Solder Bath
TL
260
10
°C
Sec
DEVICE MARKING
P1F
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 10 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector-Base Breakdown Voltage (IC = 10 µAdc, IE = 0)
V(BR)CBO
°75°
°°
Vdc
Emitter-Base Breakdown Voltage (IE = 10 µAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Base-Emitter Cutoff Current (VCE = 60 Vdc, VBE = – 3.0 Vdc)
IBEX
20
nAdc
Collector-Emitter Cutoff Current (VCE = 60 Vdc, VBE = – 3.0 Vdc)
ICEX
10
nAdc
Emitter-Base Cutoff Current (VEB = 3.0 Vdc, IC = 0)
IEBO
100
nAdc
1. Device mounted on an epoxy printed circuit board 1.575 inches x 1.575 inches x 0.059 inches; mounting pad for the collector lead min. 0.93 inches2.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by PZT2222AT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
BASE
1
COLLECTOR
2, 4
3
EMITTER
PZT2222AT1
SOT-223 PACKAGE
NPN SILICON
TRANSISTOR
SURFACE MOUNT
Motorola Preferred Device
CASE 318E-04, STYLE 1
TO-261AA
1
2
3
4
REV 2


同様の部品番号 - PZT2222AT1D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
More results

同様の説明 - PZT2222AT1D

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com