データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-3301-D0000 データシート(PDF) 3 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-3301-D0000
部品情報  T-1 3/4 (5 mm) Diffused LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3301-D0000 データシート(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-3301-D0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3301-D0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3301-D0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3301-D0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3301-D0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3301-D0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3301-D0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3301-D0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3301-D0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Optical/Electrical Characteristics at TA = 25°C
Test
Symbol
Parameter
Color
Min.
Typ.
Max.
Units
Condition
2
θ1/2
Included Angle
High Efficiency Red
60
Deg.
IF = 10 mA
Between Half
Orange
60
See Note 1
Luminous Intensity
Yellow
60
Points
Green
60
λ
PEAK
Peak Wavelength
High Efficiency Red
635
nm
Measurement
Orange
600
at Peak
Yellow
583
Green
565
∆λ
1/2
Spectral Line Halfwidth
HER/Orange
40
nm
Yellow
36
Green
28
λ
d
Dominant Wavelength
High Efficiency Red
626
nm
See Note 2
Orange
602
Yellow
585
Green
569
τ
s
Speed of Response
High Efficiency Red
90
ns
Orange
280
Yellow
90
Green
500
C
Capacitance
High Efficiency Red
11
pF
VF = 0;
Orange
4
f = 1 MHz
Yellow
15
Green
18
R
θ
J-PIN
Thermal Resistance
All
260
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
HER/Orange
1.9
2.4
V
IF = 10 mA
Yellow
2.0
2.4
Green
2.1
2.7
VR
Reverse Breakdown
All
5.0
V
IR = 100 µA
Voltage
η
V
Luminous Efficacy
High Efficiency Red
145
lumens
See Note 3
Orange
380
Watt
Yellow
500
Green
595
Notes:
1.
θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
3. Radiant intensity, Ie, in Watts/steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and
η
v is the luminous efficacy in lumens/Watt.


同様の部品番号 - HLMP-3301-D0000

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-3301-D00XX BOARDCOM-HLMP-3301-D00XX Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
More results

同様の説明 - HLMP-3301-D0000

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com