データシートサーチシステム |
|
FIN12AC データシート(PDF) 7 Page - Fairchild Semiconductor |
|
FIN12AC データシート(HTML) 7 Page - Fairchild Semiconductor |
7 / 21 page Preliminary 7 www.fairchildsemi.com Embedded Word Clock Operation The FIN12AC sends and receives serial data source syn- chronously with a bit clock. The bit clock has been modified to create a word boundary at the end of each data word. The word boundary has been implemented by skipping a low clock pulse. This appears in the serial clock stream as 3 consecutive bit times where signal CKSO remains HIGH. In order to implement this sort of scheme two extra data bits are required. During the word boundary phase the data will toggle either HIGH-then-LOW or LOW-then-HIGH dependent upon the last bit of the actual data word. Table provides some examples showing the actual data word and the data word with the word boundary bits added. Note that a 12-bit word will be extended to 14 bits during serial trans- mission. Bit 13 and Bit 14 are defined with-respect-to Bit 12. Bit 13 will always be the inversion of Bit 12 and Bit 14 will always be the same as Bit 12. This insures that a “0” o “1” and a “1” o “0” transition will always occur during the embedded word phase where CKSO is HIGH. The serializer generates the word boundary data bits and the boundary clock condition and embeds them into the serial data stream. The deserializer looks for the end of the word boundary condition to capture and transfer the data to the parallel port. The deserializer only uses the embedded word boundary information to find and capture the data. These boundary bits are then stripped prior to the word being sent out of the parallel port. TABLE 2. Word Boundary Data Bits LVCMOS Data I/O The LVCMOS input buffers have a nominal threshold value equal to ½ of VDDP. The input buffers are only operational when the device is operating as a serializer. When the device is operating as a deserializer the inputs are gated off to conserve power. The LVCMOS 3-STATE output buffers are rated for a source/sink current of 2 mAs at 1.8V. The outputs are active when the DIRI signal is asserted LOW. When the DIRI signal is asserted HIGH the bi-directional LVCMOS I/ Os will be in HIGH-Z state. Under purely capacitive load conditions the output will swing between GND and VDDP. The LVCMOS I/O buffers incorporate bushold functionality to allow for pins to maintain state when they are not driven. The bushold circuitry only consumes power during signal transitions. FIGURE 6. LVCMOS I/O Differential I/O Circuitry . The FIN12AC employs FSC proprietary CTL I/O technol- ogy. CTL is a low power, low EMI differential swing I/O technology. The CTL output driver generates a constant output source and sink current. The CTL input receiver senses the current difference and direction from the corre- sponding output buffer to which it is connected. This differs from LVDS which uses a constant current source output but a voltage sense receiver. Like LVDS an input source termination resistor is required to properly terminate the transmission line. The FIN12AC device incorporates an internal termination resistor on the CKSI receiver and a gated internal termination resistor on the DS input receiver. The gated termination resistor insures proper termination regardless of direction of data flow. The relative greater sensitivity of the current sense receiver of CTL allows it to work at much lower current drive and correspondingly a much lower voltage. During power-down mode the differential inputs will be dis- abled and powered down and the differential outputs will be placed in a HIGH-Z state. CTL inputs have an inherent fail- safe capability that supports floating inputs. When the CKSI input pair of the serializer is unused it can reliably be left floating. Alternately both of the inputs can be connected to ground. CTL inputs should never be connected to VDD. When the CKSO output of the deserializer is unused it should be allowed to float. FIGURE 7. Bi-directional Differential I/O Circuitry 12 Bit Data Words 12 Bit Data Word with Word Boundary HexBinaryHex Binary FFFh 1111 1111 1111b 2FFFh 10 1111 1111 1111b 555h 0101 01010 0101b 1555h 01 0101 0101 0101b xxxh 0xxx xxxx xxxxb 1xxxh 01 0xxx xxxx xxxxb xxxh 1xxx xxxx xxxxb 2xxxh 10 1xxx xxxx xxxxb |
同様の部品番号 - FIN12AC |
|
同様の説明 - FIN12AC |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |