データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MXA2312A データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 MXA2312A
部品情報  Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

MXA2312A データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  MXA2312A Datasheet HTML 1Page - List of Unclassifed Manufacturers MXA2312A Datasheet HTML 2Page - List of Unclassifed Manufacturers MXA2312A Datasheet HTML 3Page - List of Unclassifed Manufacturers MXA2312A Datasheet HTML 4Page - List of Unclassifed Manufacturers MXA2312A Datasheet HTML 5Page - List of Unclassifed Manufacturers MXA2312A Datasheet HTML 6Page - List of Unclassifed Manufacturers MXA2312A Datasheet HTML 7Page - List of Unclassifed Manufacturers MXA2312A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MEMSIC MXA2312A Rev .E
Page 3 of 8
5/15/2004
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD, VDA) ………………...-0.5 to +7.0V
Storage Temperature ……….…………-65
°C to +150°C
Acceleration ……………………………………..50,000 g
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; the functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Package Characteristics
Package
θJA
θJC
Device Weight
LCC-8
110
°C/W
22
°C/W
< 1 gram
Ordering Guide
Model
Package Style
A2312AL
LCC-8 SMD*
*LCC parts are shipped in tape and reel packaging.
Caution
ESD (electrostatic discharge) sensitive device.
8
4
1
2
3
7
6
5
Top View
X +g
Y +g
Note: The MEMSIC logo’s arrow indicates the +X sensing
direction of the device. The +Y sensing direction is rotated 90°
away from the +X direction. Small circle indicates pin one(1).
Pin Description: LCC-8 Package
Pin
Name
Description
1
TOUT
Temperature (Analog Voltage)
2
AOUTY
Y-Axis Acceleration Signal
3
Gnd
Ground
4
VDA
Analog Supply Voltage
5
AOUTX
X-Axis Acceleration Signal
6
Vref
2.5V Reference
7
Sck
Optional External Clock
8
VDD
Digital Supply Voltage


同様の部品番号 - MXA2312A

メーカー部品番号データシート部品情報
logo
MEMSIC Semiconductor (T...
MXA2500E MEMSIC-MXA2500E Datasheet
327Kb / 6P
   Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
MXA2500EF MEMSIC-MXA2500EF Datasheet
327Kb / 6P
   Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
logo
List of Unclassifed Man...
MXA2500EL ETC-MXA2500EL Datasheet
708Kb / 9P
   Ultra Low Noise, Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs
logo
MEMSIC Semiconductor (T...
MXA2500EL MEMSIC-MXA2500EL Datasheet
327Kb / 6P
   Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
logo
List of Unclassifed Man...
MXA2500G ETC1-MXA2500G Datasheet
335Kb / 8P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
More results

同様の説明 - MXA2312A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MX205Q ETC1-MX205Q Datasheet
246Kb / 8P
   Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
logo
MEMSIC Semiconductor (T...
MXR7305VF MEMSIC-MXR7305VF Datasheet
121Kb / 6P
   Improved Low Cost 짹5 g Dual-Axis Accelerometer with Ratiometric Analog Outputs
Rev.A
logo
List of Unclassifed Man...
MX210Q ETC1-MX210Q Datasheet
246Kb / 8P
   Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
   Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
   Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com