データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IZ74LV244 データシート(PDF) 4 Page - Integral Corp.

部品番号 IZ74LV244
部品情報  OCTAL BUFFER/LINE DRIVER 3-STATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74LV244 データシート(HTML) 4 Page - Integral Corp.

  IZ74LV244 Datasheet HTML 1Page - Integral Corp. IZ74LV244 Datasheet HTML 2Page - Integral Corp. IZ74LV244 Datasheet HTML 3Page - Integral Corp. IZ74LV244 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN74LV244
4
AC ELECTRICAL CHARACTERISTICS (CL=50 pF, tr=tf=6.0 ns)
Test
VCC
Guaranteed Limit
Symbol
Parameter
conditions
V
25
°C
-40
°C to
85
°C
125
°C
Unit
min ma
x
min max min max
tPHL, tPLH Propagation delay ,
1An to 1Yn, 2An to
2Yn
VI = 0 V or
VCC Figure 1
and 3
1.2
2.0
*
-
-
-
100
24
15
-
-
-
125
30
19
-
-
-
150
36
23
ns
tPHZ tPLZ Propagation
delay,
OE
1
to 1Yn, OE
2
to
2Yn
VI = 0 V or
VCC Figure 2
and 4
1.2
2.0
*
-
-
-
140
30
20
-
-
-
175
35
24
-
-
-
210
41
28
ns
tPZH tPZL Propagation
delay,
OE
1
to 1Yn, OE
2
to
2Yn
VI = 0 V or
VCC Figure 2
and 4
1.2
2.0
*
-
-
-
140
32
20
-
-
-
175
40
25
-
-
-
210
48
30
ns
tTHL, tTLH Output
Transition
Time, Any Output
VI = 0 V or
VCC Figure 1
and 3
1.2
2.0
*
-
-
-
60
16
10
-
-
-
75
20
13
-
-
-
90
24
15
ns
CI
Input capacitance
3.0
-
7.0
-
7.0
-
7.0
pF
CPD
Power
dissipation
capacitance (per one
channel)
VI = 0 V or
VCC
-
50
-
-
-
-
pF
* VCC = 3.3 ± 0.3 V
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
* Includes all probe and jig capacitance
* Includes all probe and jig capacitance
Figure 3. Test Circuit
Figure 4. Test Circuit
DEVICE
UNDER
TEST
OUTPUT
CL
*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
1 k
CL
*
TEST POINT
Connect to VCC when
testing tPLZ and tPZL
Connect to GND when
testing tPHZ and tPZH
t
t
tt
PZH
PHZ
PZL
PLZ
V
V
CC
OH
GND
50%
50%
50%
1OE
2OE
or
1Y or 2Y
nn
1Y or 2Y
nn
GND
V
V
OL
CC
90%
90%
50%
50%
10%
10%
tt
t
tt
t
f
r
PLH
TLH
THL
PHL
V
CC
GND
1A or 2A
nn
1Y or 2Y
nn


同様の部品番号 - IZ74LV244

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZ74LV240 INTEGRAL-IZ74LV240 Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IZ74LV241 INTEGRAL-IZ74LV241 Datasheet
43Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
More results

同様の説明 - IZ74LV244

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com